Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6248N Datasheet(PDF) 2 Page - ebm-papst

Part # 6248N
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

6248N Datasheet(HTML) 2 Page - ebm-papst

  6248N Datasheet HTML 1Page - ebm-papst 6248N Datasheet HTML 2Page - ebm-papst 6248N Datasheet HTML 3Page - ebm-papst 6248N Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial compact fan
6248 N
Technical features
Dimensions
172 Ø x 51 mm
General description
VARIOFAN models available with external temperature sensor. Optional Vario-Pro: Highly flexible
software configuration for the fan ensures an easily customizable solution to meet the individual
requirements of your application. Commutation electronics completely integrated.
Connection line
Flat plugs 3.0 x 0.5 mm. Optional version with strands.
Locked-rotor protection
Electronic blocking protection, with electronic motor current limit in the startup phase and when the
rotor is blocked.
Direction of rotation
Left, looking at rotor
Direction of air flow
Air exhaust over bars
Bearing
Ball bearings
Lifetime L10 at 40 °C
75000 h
Lifetime L10 at maximum
temperature
35000 h
Mass
0.820 kg
Housing material
Aluminum. Housing with grounding lug for screw M4 x 8 (TORX).
Material of impeller
Fiberglass-reinforced PA plastic
Motor protection
Protected against reverse polarity and locking.
Approval
VDE, CSA, UL, CE
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone: +49(0)7724/81-0 · Fax: +49(0)7724/81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com