Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST312RAM681JRZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST312RAM681JRZ
Description  Chip Inductors for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST312RAM681JRZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST312RAM681JRZ Datasheet HTML 1Page - Coilcraft lnc. ST312RAM681JRZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
0603 CHIP INDUCTORS
Document ST773-1 Revised 10/28/11
Core material Ferrite
Terminations Matte tin over nickel over silver-platinum-glass frit.
Weight 4.3 – 5.7 mg
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+100°C with derated current
Storage temperature Component: –55°C to +100°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +50 to +300 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 2000 per 7
″ reel; Paper tape: 8 mm wide, 1.0 mm thick,
4 mm pocket spacing
Inductance2
Impedance typ (Ohms)
SRF min4
DCR max5
Imax
Color
Part number1
±5% (nH)
Q min3
100 MHz
500 MHz
(MHz)
(Ohms)
(A)
code
ST312RAM15NJRZ
15 @ 7.9 MHz
10@ 7.9 MHz
10
42
2800
0.023
1.7
Yellow
ST312RAM33NJRZ
33 @ 7.9 MHz
10@ 7.9 MHz
19
90
1840
0.028
1.7
Red
ST312RAM111JRZ
110 @ 7.9 MHz
12 @ 7.9 MHz
70
350
980
0.060
1.4
Red
ST312RAM121JRZ
120 @ 7.9 MHz
12 @ 7.9 MHz
76
410
920
0.089
1.4
Black
ST312RAM241JRZ
240 @ 7.9 MHz
12 @ 7.9 MHz
140
810
720
0.12
0.68
Violet
ST312RAM271JRZ
270 @ 7.9 MHz
12 @ 7.9 MHz
173
1023
600
0.22
0.68
Brown
ST312RAM471JRZ
470 @ 7.9 MHz
12 @ 7.9 MHz
306
2253
460
0.37
0.61
Orange
ST312RAM561JRZ
560 @ 7.9 MHz
12 @ 7.9 MHz
371
3180
400
0.49
0.53
Blue
ST312RAM681JRZ
680 @ 7.9 MHz
12 @ 7.9 MHz
420
3620
420
0.46
0.53
Orange
ST312RAM821JRZ
820 @ 7.9 MHz
12 @ 7.9 MHz
507
3300
260
0.58
0.53
Green
ST312RAM102JRZ
1000 @ 7.9 MHz
13 @ 7.9 MHz
663
9823
320
0.84
0.40
Black
ST312RAM222JRZ
2200 @ 7.9 MHz
12 @ 2.5 MHz
5220
129
65
1.10
0.40
Red
ST312RAM472JRZ
4700 @ 7.9 MHz
12 @ 7.9 MHz
2100
220
45
1.50
0.40
Yellow
ST312RAM103JRZ
10000 @ 2.5 MHz
9 @ 2.5 MHz
1400
150
30
4.50
0.40
Gray
■
Higher inductance values than ceramic 0603 inductors
■
Heavier gauge wire for low DCR
■
Ferrite construction for high current handling
■
Inductance values from 15 nH to 10 µH
1. When ordering, please specify
termination and testing codes:
ST312RAM103JRZ
Termination: R = RoHS compliant matte tin over nickel over silver-
platinum-glass frit.
Special order:
Q = RoHS tin-silver-copper (95.5/4/0.5) over tin over
nickel over silver-platinum-glass frit or
P = non-RoHS tin-lead (63/37) over tin over nickel over
silver-platinum-glass frit.
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/
HP 4286A impedance analyzer or equivalent with Coilcraft-provided
correlation pieces.
3. Q measured at the same frequency as inductance using an Agilent/
HP 4291A with an Agilent/HP 16197A test fixture or equivalents.
4. SRF measured using an Agilent/HP 8753ES network analyzer or
equivalent and a Coilcraft SMD-D test fixture.
5. DCR measured on a Keithley 580 micro-ohmmeter or equivalent and a
Coilcraft CCF1010 test fixture.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
ChipInductorsforCriticalApplicationsST312RAM


Similar Part No. - ST312RAM681JRZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST312RAA COILCRAFT-ST312RAA Datasheet
185Kb / 2P
Chip Inductors for Critical Applications
ST312RAA10N_LZ COILCRAFT-ST312RAA10N_LZ Datasheet
185Kb / 2P
Chip Inductors for Critical Applications
ST312RAA11N_LZ COILCRAFT-ST312RAA11N_LZ Datasheet
185Kb / 2P
Chip Inductors for Critical Applications
ST312RAA12N_LZ COILCRAFT-ST312RAA12N_LZ Datasheet
185Kb / 2P
Chip Inductors for Critical Applications
ST312RAA15N_LZ COILCRAFT-ST312RAA15N_LZ Datasheet
185Kb / 2P
Chip Inductors for Critical Applications
More results

Similar Description - ST312RAM681JRZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
Chip Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
Chip Inductors for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com