Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST312RAM821JRZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ST312RAM821JRZ
Description  Chip Inductors for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST312RAM821JRZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  ST312RAM821JRZ Datasheet HTML 1Page - Coilcraft lnc. ST312RAM821JRZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
0603 CHIP INDUCTORS
Document ST733-2 Revised 10/28/11
ST312RAM Series (0603)
Typical Q vs Frequency
Current Derating
Typical L vs Frequency
Typical Impedance vs Frequency
-40
-20
020406080
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
A
B
C
D
max max max
ref
E
F
G
H
I
J
0.071 0.044 0.036 0.015 0.030 0.013 0.034 0.040 0.025 0.025 inches
1,80 1,12 0,91 0,38 0,76 0,33 0,86 1,02 0,64 0,64 mm
100
1000
10000
110
1000
100
Frequency (MHz)
1000 nH
470 nH
270 nH
120 nH
680 nH
2200 nH
4700 nH
560 nH
110
100
1000
0
20
18
16
14
12
10
8
6
4
2
22
Frequency (MHz)
1000 nH
560 nH
470 nH
270 nH
120 nH
680 nH
2200 nH
4700 nH
1
10
100
1000
100000
10000
100
10
1
1000
10000
Frequency (MHz)
1000 nH
560 nH
680 nH
2200 nH
4700 nH
470 nH
270 nH
120 nH
A
B
overall
C
Pick and
place
material
D
Terminal wraparound:
approx 0.008/0,20 both ends
I
I
J
F
F
G
H
E
terminal
Recommended
Land Pattern
Suggested
Land Pattern
Note: Dimensions are before optional solder application. For maximum
overall dimensions including solder, add 0.0025 in / 0,064 mm to
B
and 0.006 in / 0,15 mm to
A and C.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com