Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN2R5-60PL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN2R5-60PL
Description  N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN2R5-60PL Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN2R5-60PL Datasheet HTML 1Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 2Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 3Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 4Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 5Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 6Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 7Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 8Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
PSMN2R5-60PL
N-channel 60 V, 2.6 mΩ logic level MOSFET in SOT78
PSMN2R5-60PL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
7 February 2013
2 / 13
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
D
drain
3
S
source
1 2
mb
3
TO-220AB (SOT78)
S
D
G
mbb076
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PSMN2R5-60PL
TO-220AB
plastic single-ended package; heatsink mounted; 1 mounting
hole; 3-lead TO-220AB
SOT78
7. Marking
Table 4.
Marking codes
Type number
Marking code
PSMN2R5-60PL
PSMN2R5-60PL
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
60
V
VDGR
drain-gate voltage
RGS = 20 kΩ
-
60
V
VGS
gate-source voltage
-20
20
V
Tmb = 25 °C; VGS = 10 V; Fig. 1
[1]
-
150
A
ID
drain current
Tmb = 100 °C; VGS = 10 V; Fig. 1
[1]
-
150
A
IDM
peak drain current
Tmb = 25 °C; pulsed; tp ≤ 10 µs; Fig. 4
-
1002
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com