Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST336RAM681JRZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ST336RAM681JRZ
Description  Chip Inductors for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST336RAM681JRZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  ST336RAM681JRZ Datasheet HTML 1Page - Coilcraft lnc. ST336RAM681JRZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
0805 FERRITE CHIP INDUCTORS
Document ST781-2 Revised 09/01/11
Chip Inductors for Critical Applications – ST336RAM
Q vs Frequency
L vs Frequency
0.1
1
10
100
110
1000
100
Frequency (MHz)
1.0 µH
1.5 µH
0.68 µH
10 µH
22 µH
2.2 µH
2.7 µH
4.7 µH
6.8 µH
3.3 µH
0.11 µH
1.0 µH
1.5 µH
0.68 µH
0.11 µH
10 µH
22 µH
4.7 µH
0
5
10
15
20
25
30
110
1000
100
Frequency (MHz)
6.8 µH
2.2 µH
3.3 µH
2.7 µH
Imax Derating
-40
-20
020406080
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
1000
100
0.1
0.01
0.001
1
10
Frequency (GHz)
Impedance vs Frequency



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com