Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST413RAD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST413RAD
Description  Chip Inductors for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST413RAD Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST413RAD Datasheet HTML 1Page - Coilcraft lnc. ST413RAD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Inductance3
Percent
SRF min5
DCR max6
Imax
Part number1
(nH)
tolerance
Q min4
(GHz)
(OhST)
(A)
ST413RAD3N0_LZ2
3.0 @ 50 MHz
5
57 @ 1000 MHz
>5.00
38
1.8
ST413RAD4N1_LZ
4.1 @ 50 MHz
5
75 @ 1000 MHz
>5.00
50
1.8
ST413RAD7N8_LZ2
7.8 @ 50 MHz
5
51 @ 500 MHz
3.80
50
1.6
ST413RAD10N_LZ
10 @ 50 MHz
5,2
60 @ 500 MHz
3.20
60
1.5
ST413RAD12N_LZ
12 @ 50 MHz
5,2
57 @ 500 MHz
2.40
60
1.5
ST413RAD18N_LZ
18 @ 50 MHz
5,2
62 @ 350 MHz
2.10
70
1.4
ST413RAD22N_LZ
22 @ 50 MHz
5,2
62 @ 350 MHz
2.05
70
1.4
ST413RAD33N_LZ
33 @ 50 MHz
5,2
49 @ 150 MHz
1.70
90
1.2
ST413RAD36N_LZ
36 @ 50 MHz
5,2
57 @ 150 MHz
1.40
90
1.1
ST413RAD39N_LZ
39 @ 50 MHz
5,2
45 @ 150 MHz
1.30
90
1.1
ST413RAD47N_LZ
47 @ 50 MHz
5,2,1
45 @ 150 MHz
1.45
120
0.95
ST413RAD56N_LZ
56 @ 50 MHz
5,2,1
43 @ 150 MHz
1.08
120
0.95
ST413RAD68N_LZ
68 @ 50 MHz
5,2,1
54 @ 150 MHz
1.15
130
0.85
ST413RAD82N_LZ
82 @ 50 MHz
5,2,1
54 @ 150 MHz
1.06
160
0.80
ST413RADR10_LZ
100 @ 50 MHz
5,2,1
51 @ 150 MHz
0.82
160
0.80
1. When ordering, specify
tolerance, termination and testing codes:
ST413RADR10GLZ
Tolerance:
F 1% G = 2% J = 5%
Termination: L =RoHS compliant silver-palladium-platinum glass frit.
Special order:
S =Tin-lead (63/37) over silver-platinum-glass frit.
T =Tin-silver-copper (95.5/4/0.5) over silver-platinum-
glass frit.
Testing:
Z =COTS
H =Screening per Coilcraft CP-SA-10001
2. Part is wound on low profile coilform.
3. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/
HP 4286A impedance analyzer or equivalent with Coilcraft-provided
correlation pieces.
4. Q measured using an Agilent/HP 4291A with an AgilentHP 16197A
test fixture or equivalents.
5. SRF measured using an Aglilent/HP 8753ES network analyzeror
equivalent and a Coilcraft SMD-D test fixture.
6. DCR measured on a Keithley 580 micro-ohmmeter or equivalent and a
Coilcraft CCF858 test fixture.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ceramic
Terminations Silver-palladium-platinum-glass frit.
Ambient temperature –40°C to +125°C with Imax current, +125°C
to +140°C with derated current
Storage temperature Component: –55°C to +140°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 2000/7
″reel
Standard height parts: Plastic tape: 8 mm wide, 0.23 mm thick,
4 mm pocket spacing, 1.8 mm pocket depth
Low profile parts: Plastic tape: 8 mm wide, 0.3 mm thick,
4 mm pocket spacing, 1.6 mm pocket depth
ChipInductorsforCriticalApplicationsST413RAD
1008 CHIP INDUCTORS
■
Highest Q factors for this body size, roughly 20% higher
than our xx413RAA parts.
■
Exceptional SRFs, tight tolerance and batch consistency
Document ST190-1 Revised 11/06/12


Similar Part No. - ST413RAD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAA100_LZ COILCRAFT-ST413RAA100_LZ Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAA101_LZ COILCRAFT-ST413RAA101_LZ Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAA102_LZ COILCRAFT-ST413RAA102_LZ Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAA120_LZ COILCRAFT-ST413RAA120_LZ Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
More results

Similar Description - ST413RAD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
Chip Inductors for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com