Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST466PJD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST466PJD
Description  Coupled Inductors for Critical Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST466PJD Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST466PJD Datasheet HTML 1Page - Coilcraft lnc. ST466PJD Datasheet HTML 2Page - Coilcraft lnc. ST466PJD Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Core material Ferrite
Core and winding loss See http://www.coilcraft-cps.com/coupledloss
Weight 210 – 225 mg
Terminations RoHS compliant, halogen free silver-palladium-plati-
num-glass frit. Other terminations available at additional cost.
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –55°C to +125°C.
Packaging: –55°C to +80°C
Winding to winding isolation 100 V
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 750 per 7
″ reel Plastic tape: 12 mm wide,
0.32 mm thick, 8 mm pocket spacing, 3.1 mm pocket depth
Recommended pick and place nozzle OD: 5 mm; ID:
≤ 2.5 mm
Dimensions are in
inches
mm
The ST466PJD coupled miniature shielded inductors are
only 3 mm high and 5 mm square. They are ideal for use
in a variety of circuits including flyback, multi-output buck
and SEPIC.
These inductors provide high inductance, high efficiency
and excellent current handling in a rugged, low cost part.
They can also be used as two single inductors connected
in series or parallel or as a common mode choke.
L1
L2
+
+
–
–
D
C
C
Typical Flyback Converter
VOUT
VIN
SW
L1
L2
++
+
––
–
D
D
C
C
SW
Typical Buck Converter with auxiliary output
Typical SEPIC schematic
VOUT
VOUT
VOUT
AUX
VIN
VIN
L1
L2
Q
C1
C
++
––
D
CoupledInductorsforCriticalApplications
5030 COUPLED INDUCTORS
0.060
1,52
0.114 ±0.004
2,90 ±0,10
Dash
number
Internal
code
Dot indicates pin 1
0.189 ±0.003
4,80 ±0,076
0.189 ±0.003
4,80 ±0,076
XXXX
14
23
2
1
4
3
L1
L2
Suggested
Land Pattern
0.197
5,00
0.134
3,40
0.059
1,50
0.138
3,50
0.197
5,00
45°
typ
0.090
2,30
0.134
3,40
0.090
2,30
0.030
0,75
Document ST757-1 Revised 09/06/12


Similar Part No. - ST466PJD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST46 ETC1-ST46 Datasheet
92Kb / 2P
VARIABLE COMPRESSION MICA TRIMMERS AND PADDERS
logo
VBsemi Electronics Co.,...
ST4606 VBSEMI-ST4606 Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - ST466PJD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
Chip Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
Chip Inductors for Critical Applications
ST450PHD COILCRAFT-ST450PHD Datasheet
383Kb / 2P
Coupled Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
Chip Inductors for Critical Applications
ST512PJD COILCRAFT-ST512PJD Datasheet
335Kb / 3P
Coupled Inductors for Critical Applications
ST526PND COILCRAFT-ST526PND Datasheet
317Kb / 3P
Coupled Inductors for Critical Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com