Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST512PJD682MLZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ST512PJD682MLZ
Description  Coupled Inductors for Critical Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST512PJD682MLZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  ST512PJD682MLZ Datasheet HTML 1Page - Coilcraft lnc. ST512PJD682MLZ Datasheet HTML 2Page - Coilcraft lnc. ST512PJD682MLZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Document ST833-2 Revised 11/07/12
ST512PJDSeriesCoupledInductors
6235 COUPLED InDUCtOrs
DCr
srF
Coupling Leakage5
Isat (A)6
Irms (A)
Inductance2
max3
typ4
coefficient
L typ
10%
20%
30%
both
one
Part number1
±20% (µH)
(Ohms)
(MHz)
typ
(µH)
drop
drop
drop
windings7 winding8
ST512PJD682MLZ
6.8
0.108
31
0.99
0.10
2.80
3.00
3.12
1.60
2.26
ST512PJD103MLZ
10
0.140
26
0.99
0.12
2.50
2.70
2.80
1.40
1.98
ST512PJD223MLZ
22
0.300
15
>0.99
0.15
1.50
1.67
1.73
0.85
1.20
ST512PJD473MLZ
47
0.620
9.7
>0.99
0.21
0.90
0.98
0.99
0.60
0.85
ST512PJD474MLZ
470
3.50
3.0
>0.99
0.61
0.18
0.22
0.23
0.25
0.35
ST512PJD105MLZ
1000
7.00
1.9
>0.99
1.05
0.12
0.14
0.15
0.15
0.21
ST512PJD155MLZ
1500
10.8
1.5
>0.99
1.70
0.10
0.12
0.13
0.14
0.20
ST512PJD205MLZ
2000
16.0
1.3
>0.99
2.10
0.08
0.11
0.12
0.11
0.16
temperature rise calculation based on specified Irms
1. When ordering, please specify
termination and testing code:
st512PJD105MLZ
termination:L = RoHS compliant silver-palladium-platinum-glass frit.
Special order:
t = RoHS tin-silver-copper (95.5/4/0.5)
or
s = non-RoHS tin-lead (63/37).
testing:
Z = COTS
H = Screening per Coilcraft CPSA-10001
2. Inductance shown for each winding, measured at 100 kHz, 0.1 Vrms,
0 Adc on an Agilent/HP 4284A LCR meter or equivalent. When leads
are connected in parallel, inductance is the same value. When leads are
connected in series, inductance is four times the value.
3. DCR is for each winding. When leads are connected in parallel, DCR
is half the value. When leads are connected in series, DCR is twice the
value.
4. SRF measured using an Agilent/HP 4191A or equivalent. When leads
are connected in parallel, SRF is the same value.
5. Leakage inductance is for L1 and is measured with L2 shorted.
6. DC current, at which the inductance drops the specified amount from its
value without current. It is the sum of the current flowing in both windings.
7. Equal current when applied to each winding simultaneously that causes
a 40°C temperature rise from 25°C ambient. See temperature rise
calculation.
8. Maximum current when applied to one winding that causes a 40°C
temperature rise from 25°C ambient. See temperature rise calculation.
9. Electrical specifications at 25°C.
Temperature rise = Winding power loss × 92.5°C
W
Winding power loss = (+
) × DCR in Watts (W)
II
L1
2
L2
2
Equal current in each winding (0.80 A):
Winding power loss = (0.80 + 0.80 ) × 0.30 = 0.384 W
Temperature rise = 0.384 W × 92.5°C
W
= 35.5°C
22
Unequal current (= 1.1 A,
= 0.45 A)
II
L1
L2
:
Winding power loss = (1.1 + 0.45 ) × 0.30 = 0.424 W
Temperature rise = 0.424 W × 92.5°C
W
= 39.2°C
22
Examples for ST512PJD223MLZ:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com