Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST573RAS Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST573RAS
Description  Air Core Inductor for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST573RAS Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST573RAS Datasheet HTML 1Page - Coilcraft lnc. ST573RAS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
AirCoreInductorforCriticalApplications
2929 AIRCOREINDUCTOR
Test
Inductance2
Percent
frequency
SRF min4
DCR max
Imax5
Part number1
(nH)
tolerance
Q min3
(MHz)
(GHz)
(mOhm)
(A)
ST573RAS501_LZ
500
5,2
120
50
0.485
16.5
3.5
1. When ordering, specify
tolerance, termination and testing codes:
ST573RAS501JLZ
Tolerance:
G = 2% J = 5%
Termination: L = RoHS compliant tin-silver (96.5/3.5) over copper.
Special order, added cost:
T = RoHS tin-silver-copper (95.5/4/0.5) over copper
or
S = non-RoHS tin-lead (63/37) over copper.
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance measured at specified test frequency, 0.1 Vrms, 0 A using
an Agilent/HP 4287A LCR meter with the Coilcraft CCF1197A test
fixture.
3. Q measured at specified test frequency, using an Agilent/HP 4291A
impedance analyzer.
4. SRF measured using an Agilent/HP 8753 network analyzer and Coil-
craft CCF1200 test fixture.
5. Current that causes a 20°C temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Terminations RoHS compliant tin-silver over copper
Weight 1.16 g
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +145°C with derated current
Storage temperature Component: –55°C to +145°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 150 per 7
″reel Plastic tape: 24 mm wide,
0.33 mm thick, 12 mm pocket spacing, 7.49 mm pocket depth
PCB washing Only pure water or alcohol recommended
• ExcellentQfactors–upto150at400MHz!
• Currenthandlingof3.5Amps
• Flattopandbottomforreliablepickandplaceandmechanical
stability
Document ST720-1 Revised 02/21/12
A
B
C
D
E
F
0.550 ±0.015
0.295 ±0.010
0.285 ±0.010
0.520
0.325
0.09
inches
14,10 ±0,381
7,49 ±0,254
7,24 ±0,254
13,21
8,26
2,29
mm
A
B
min
max
D
C
E
F
Recommended
Land Pattern
Strip
length
Suggested
Land Pattern


Similar Part No. - ST573RAS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
PNP Switching Transistor
ST5771-1 FAIRCHILD-ST5771-1 Datasheet
26Kb / 2P
PNP Switching Transistor
More results

Similar Description - ST573RAS

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST312PHA COILCRAFT-ST312PHA Datasheet
462Kb / 2P
Power Inductor for Critical Applications
ST336PHA COILCRAFT-ST336PHA Datasheet
465Kb / 2P
Power Inductor for Critical Applications
ST350RAT COILCRAFT-ST350RAT Datasheet
451Kb / 2P
Air Core Inductors for Critical Applications
ST358PWA COILCRAFT-ST358PWA Datasheet
258Kb / 2P
Power Inductor for Critical Applications
ST413PHA COILCRAFT-ST413PHA Datasheet
455Kb / 2P
Power Inductor for Critical Applications
ST432PNA COILCRAFT-ST432PNA Datasheet
322Kb / 2P
Power Inductor for Critical Applications
ST439RAT COILCRAFT-ST439RAT Datasheet
480Kb / 2P
Air Core Inductors for Critical Applications
ST475RAT COILCRAFT-ST475RAT Datasheet
448Kb / 2P
Air Core Inductors for Critical Applications
ST511PNA COILCRAFT-ST511PNA Datasheet
638Kb / 2P
Power Inductor for Critical Applications
ST536RAT COILCRAFT-ST536RAT Datasheet
693Kb / 2P
Air Core Inductors for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com