Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D3 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # SAMA5D3
Description  The Atmel SAMA5D3 series is a high-performance, power-efficient embedded MPU based on the ARM짰 Cortex??A5 processor, achieving 536 MHz with power consumption levels below 0.5 mW in low-power mode.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMA5D3 Datasheet(HTML) 2 Page - ATMEL Corporation

  SAMA5D3 Datasheet HTML 1Page - ATMEL Corporation SAMA5D3 Datasheet HTML 2Page - ATMEL Corporation SAMA5D3 Datasheet HTML 3Page - ATMEL Corporation SAMA5D3 Datasheet HTML 4Page - ATMEL Corporation SAMA5D3 Datasheet HTML 5Page - ATMEL Corporation SAMA5D3 Datasheet HTML 6Page - ATMEL Corporation SAMA5D3 Datasheet HTML 7Page - ATMEL Corporation SAMA5D3 Datasheet HTML 8Page - ATMEL Corporation SAMA5D3 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
SAMA5D3 Series [SUMMARY DATASHEET]
11121AS–ATARM–31-Jan-13
1.
Features
Core
ARM
® Cortex™-A5 Processor with ARM v7-A Thumb2® Instruction Set
CPU Frequency up to 536 MHz
32 Kbyte Data Cache, 32 Kbyte Instruction Cache, Virtual Memory System Architecture (VMSA)
Fully Integrated MMU and Floating Point Unit (VFPv4)
Memories
One 160 Kbyte Internal ROM Single-cycle Access at System Speed, Embedded Boot Loader: Boot on
NAND Flash, SDCard, eMMC, serial DataFlash®, selectable Order
One 128 Kbyte Internal SRAM, Single-cycle Access at System Speed
High Bandwidth 32-bit Multi-port Dynamic Ram Controller supporting 512 Mbyte 8 bank
DDR2/LPDDR/LPDDR2
Independent Static Memory Controller with SLC/MLC NAND Support with up to 24-bit Error Correcting Code
(PMECC)
System running up to 166 MHz
Power-on Reset Cells, Reset Controller, Shut Down Controller, Periodic Interval Timer, Watchdog Timer and
Real Time Clock
Boot Mode Select Option, Remap Command
Internal Low-power 32 kHz RC Oscillator and Fast 12 MHz RC Oscillators
Selectable 32768 Hz Low-power Oscillator and 12 MHz Oscillator
One 400 to 1000 MHz PLL for the System and one PLL at 480 MHz optimized for USB High Speed
39 DMA Channels including two 8-channel 64-bit Central DMA Controllers
64-bit Advanced Interrupt Controller
Three Programmable External Clock Signals
Programmable Fuse Box with 256 fuse bits, 192 of them available for Customer
Low Power Management
Shut Down Controller
Battery Backup Registers
Clock Generator and Power Management Controller
Very Slow Clock Operating Mode, Software Programmable Power Optimization Capabilities
Peripherals
LCD TFT Controller with Overlay, Alpha-blending, Rotation, Scaling and Color Space Conversion
ITU-R BT. 601/656 Image Sensor Interface
Three HS/FS/LS USB Ports with On-Chip Transceivers
One Device Controller
One Host Controller with Integrated Root Hub (3 Downstream Ports)
One 10/100/1000 Mbps Gigabit Ethernet Mac Controller (GMAC) with IEEE1588 support
One 10/100 Mbps Ethernet Mac Controller (EMAC)
Two CAN Controllers with 8 Mailboxes, fully Compliant with CAN 2.0 Part A and 2.0 Part B
Softmodem Interface
Three High Speed Memory Card Hosts (eMMC 4.3 and SD 2.0)
Two Master/Slave Serial Peripheral Interface
Two Synchronous Serial Controllers
Three Two-wire Interface up to 400 Kbits supporting I2C Protocol and SMBUS
Four USARTs, two UARTs, one DBGU
Two Three-channel 32-bit Timer/Counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com