Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAS3022EDZ Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-ADAS3022EDZ
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAS3022EDZ Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-ADAS3022EDZ Datasheet HTML 9Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 10Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 11Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 12Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 13Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 14Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 15Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 16Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data Sheet
ADAS3022
Rev. A | Page 13 of 40
0
50,000
100,000
150,000
200,000
250,000
300,000
350,000
400,000
CODE IN HEX
GAIN = 6.4
300
200
21,700
82,000
157,300
151,900
75,100
18,400
2,400 100
Figure 12. Histogram of a DC Input at Code Center, PGIA Gain = 6.4
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
OFFSET DRIFT (ppm/°C)
EXTERNAL REFERENCE
GAIN = 0.16, 0.2, 0.4, 0.8, 1.6
f
S = 1000kSPS
Figure 13. Offset Drift, PGIA Gain = 0.16, 0.2, 0.4, 0.8, and 1.6
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OFFSET DRIFT (ppm/°C)
EXTERNAL REFERENCE
GAIN = 3.2
f
S = 1000kSPS
Figure 14. Offset Drift, PGIA Gain = 3.2
0
10
20
30
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
OFFSET DRIFT (ppm/°C)
EXTERNAL REFERENCE
GAIN = 6.4
f
S = 1000kSPS
Figure 15. Offset Drift, PGIA Gain = 6.4
112
72
23
2
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
REFERENCE BUFFER DRIFT (ppm/°C)
fS = 1000kSPS
EXTERNAL 2.5V REFERENCE
INTERNAL BUFFER
Figure 16. Reference Buffer Drift, External Reference
46
35
30
15
15
11
10
6
2
1
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
REFERENCE BUFFER DRIFT (ppm/°C)
38
fS = 1000kSPS
INTERNAL 2.5V REFERENCE
INTERNAL BUFFER
Figure 17. Reference Buffer Drift, Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com