Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7934 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # 7934
Description  30V Dual Asymmetric N-Channel AlphaMOS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

7934 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  7934 Datasheet HTML 1Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 2Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 3Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 4Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 5Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 6Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 7Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 8Page - Alpha & Omega Semiconductors 7934 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AON7934
30V Dual Asymmetric N-Channel AlphaMOS
General Description
Product Summary
Q1
Q2
30V
30V
ID (at VGS=10V)
16A
18A
RDS(ON) (at VGS=10V)
<10.2m
Ω <7.7mΩ
RDS(ON) (at VGS = 4.5V)
<15.8m
Ω <11.6mΩ
100% UIS Tested
Application
100% Rg Tested
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Very Low RDS(on) at 4.5VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial
Absolute Maximum Ratings TA=25°C unless otherwise noted
VDS
Power DFN3x3A
Top View
Bottom View
G1
D1
D1
D1
D1
(S1/D2)
G2
S2
S2
S2
Top View
Bottom View
Symbol
VDS
VGS
IDM
IAS
EAS
VDS Spike
VSPIKE
TJ, TSTG
Parameter
Symbol
Typ Q1
Max Q1
Typ Q2
Max Q2
t ≤ 10s
40
50
40
50
Steady-State
70
90
70
90
Steady-State
RθJC
4.5
5.4
4.2
5
100ns
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
RθJA
Maximum Junction-to-Ambient
A
°C/W
Parameter
±20
Power Dissipation
B
PD
TC=25°C
Power Dissipation
A
PDSM
19
TA=70°C
TA=25°C
V
A
30
7.8
12
±20
V
Pulsed Drain Current
C
Absolute Maximum Ratings TA=25°C unless otherwise noted
Avalanche Energy L=0.05mH
C
3.0
mJ
15
4.1
Avalanche Current
C
Continuous Drain
Current
9
IDSM
Units
25
36
36
A
Max Q2
72
13
A
V
18
10
2.5
14
2.5
Units
W
W
Thermal Characteristics
TC=100°C
Max Q1
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain
Current
G
64
16
ID
TC=25°C
TC=100°C
0.9
0.9
23
Junction and Storage Temperature Range
-55 to 150
°C
25
9
TA=70°C
TA=25°C
Rev0 : April 2012
www.aosmd.com
Page 1 of 10


Similar Part No. - 7934

ManufacturerPart #DatasheetDescription
logo
VAT Group AG
79340_CE44 VAT-79340_CE44 Datasheet
127Kb / 2P
Beam stopper insert Series 793, DN 100 (ID 4")
79344_CE24 VAT-79344_CE24 Datasheet
30Kb / 2P
Beam Stopper insert, Series 793, DN 160 (ID 6’’)
logo
List of Unclassifed Man...
7934A ETC2-7934A Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
logo
Belden Inc.
7934A BELDEN-7934A Datasheet
271Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, PE Jkt, OSP BURIAL
logo
List of Unclassifed Man...
7934A0101000 ETC2-7934A0101000 Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
More results

Similar Description - 7934

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6816 AOSMD-AON6816 Datasheet
287Kb / 6P
30V Dual N-Channel AlphaMOS
AON6928 AOSMD-AON6928 Datasheet
606Kb / 10P
30V Dual Asymmetric N-Channel AlphaMOS
AON6932A AOSMD-AON6932A Datasheet
566Kb / 10P
30V Dual Asymmetric N-Channel AlphaMOS
AON6934A AOSMD-AON6934A Datasheet
583Kb / 10P
30V Dual Asymmetric N-Channel AlphaMOS
AON6936 AOSMD-AON6936 Datasheet
711Kb / 10P
30V Dual Asymmetric N-Channel AlphaMOS
AON6938 AOSMD-AON6938 Datasheet
557Kb / 10P
30V Dual Asymmetric N-Channel AlphaMOS
AON6970 AOSMD-AON6970 Datasheet
540Kb / 10P
30V Dual Asymmetric N-Channel AlphaMOS
AON6973A AOSMD-AON6973A Datasheet
488Kb / 10P
30V Dual Asymmetric N-Channel AlphaMOS
AON6974A AOSMD-AON6974A Datasheet
487Kb / 10P
30V Dual Asymmetric N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com