Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOP605 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOP605
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOP605 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOP605_09 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOP605_09 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOP605_09 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOP605_09 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOP605_09 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOP605_09 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOP605_09 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOP605_09 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOP605_09 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AOP605
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
1.8
3
V
ID(ON)
30
A
22.6
28
TJ=125°C
33
43
m
gFS
12
16
S
VSD
0.76
1
V
IS
4
A
Ciss
680
820
pF
Coss
102
pF
Crss
77
pF
Rg
1.2
2
Qg(10V)
13.84
16.6
nC
Qg
6.74
8.1
nC
Qgs
1.82
nC
Qgd
3.2
nC
tD(on)
4.6
ns
tr
4.1
ns
tD(off)
20.6
ns
tf
5.2
ns
trr
16.5
20
ns
Qrr
7.8
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery charge
Body Diode Reverse Recovery time
Total Gate Charge
VGS=4.5V, VDS=15V, ID=7.5A
IF=7.5A, dI/dt=100A/µs
IF=7.5A, dI/dt=100A/µs
Turn-Off DelayTime
Turn-Off Fall Time
Turn-On DelayTime
VGS=10V, VDS=15V, RL=2.0Ω,
RGEN=6Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Body Diode Forward Voltage
IS=1A, VGS=0V
VGS=0V, VDS=15V, f=1MHz
Reverse Transfer Capacitance
Input Capacitance
Output Capacitance.
SWITCHING PARAMETERS
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Turn-On Rise Time
Maximum Body-DiodeContinuous Current
DYNAMIC PARAMETERS
m
VGS=4.5V, ID=6.0A
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=7.5A
Forward Transconductance
VDS=5V, ID=7.5A
Gate Threshold Voltage
VDS=VGS ID=250µA
On state drain current
VGS=10V, VDS=5V
µA
Gate-Body leakage current
VDS=0V, VGS=±20V
n-channel MOSFET Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=24V, VGS=0V
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The value
in any given application depends on the user's specific board design. The current rating is based on the t
≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev 4 : Jan 2009
Alpha Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com