Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VQB100R Datasheet(PDF) 3 Page - CUI INC

Part # VQB100R
Description  DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VQB100R Datasheet(HTML) 3 Page - CUI INC

  VQB100R Datasheet HTML 1Page - CUI INC VQB100R Datasheet HTML 2Page - CUI INC VQB100R Datasheet HTML 3Page - CUI INC VQB100R Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ SERIES: VQB100R │ DESCRIPTION: DC-DC CONVERTER
date 01/29/2013
│ page 3 of 4
MECHANICAL DRAWING
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
case operating temperature
-40
100
°C
storage temperature
-55
105
°C
humidity
non-condensing
95
%
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.28 x 1.45 x 0.5 (57.9 x 36.8 x 12.7 mm)
inch
case material
aluminum baseplate with plastic case
weight
61.5
g
PIN CONNECTIONS
PIN
FUNCTION
1
+Vin
2
On/Off
3
-Vin
4
-Vo
5
-S
6
TRIM
7
+S
8
+Vo
units: inches [mm]
tolerance: x.xx ± 0.2inches [±0.5mm]
x.xxx ± 0.1inches [±0.25mm]
BOTTOM VIEW
M3*0.5 Through 2pl.
Mounting Inserts
1
1.86[47.2]
2.000[50.8]
2.28
[57.9]
2
3
8
7
6
5
4
0.040[1.02]
0.059[1.50]
S
E
C
A
L
P
2
A
I
D
S
E
C
A
L
P
6
A
I
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com