Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488AR Datasheet(PDF) 8 Page - Analog Devices

Part # ADM488AR
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488AR Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM488AR Datasheet HTML 4Page - Analog Devices ADM488AR Datasheet HTML 5Page - Analog Devices ADM488AR Datasheet HTML 6Page - Analog Devices ADM488AR Datasheet HTML 7Page - Analog Devices ADM488AR Datasheet HTML 8Page - Analog Devices ADM488AR Datasheet HTML 9Page - Analog Devices ADM488AR Datasheet HTML 10Page - Analog Devices ADM488AR Datasheet HTML 11Page - Analog Devices ADM488AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM488/ADM489
–8–
REV. 0
GENERAL INFORMATION
The ADM488/ADM489 is a ruggedized RS-485 transceiver that
operates from a single +5 V supply.
It contains protection against radiated and conducted interference.
It is ideally suited for operation in electrically harsh environ-
ments or where cables may be plugged/unplugged. It is also
immune to high RF field strengths without special shielding
precautions. It is intended for balanced data transmission and
complies with both EIA Standards RS-485 and RS-422. It con-
tains a differential line driver and a differential line receiver, and
is suitable for full duplex data transmission.
The input impedance on the ADM488/ADM489 is 12 k
Ω,
allowing up to 32 transceivers on the differential bus.
The ADM488/ADM489 operates from a single +5 V
± 10%
power supply. Excessive power dissipation caused by bus con-
tention or by output shorting is prevented by a thermal shut-
down circuit. This feature forces the driver output into a high
impedance state if, during fault conditions, a significant tem-
perature increase is detected in the internal driver circuitry.
The receiver contains a fail-safe feature that results in a logic
high output state if the inputs are unconnected (floating).
A high level of robustness is achieved using internal protection
circuitry, eliminating the need for external protection compo-
nents such as tranzorbs or surge suppressors.
Low electromagnetic emissions are achieved using slew limited
drivers, minimizing interference both conducted and radiated.
The ADM488/ADM489 can transmit at data rates up to
250 kbps.
A typical application for the ADM488/ADM489 is illustrated in
Figure 19. This shows a full-duplex link where data may be
transferred at rates up to 250 kbps. A terminating resistor is
shown at both ends of the link. This termination is not critical
since the slew rate is controlled by the ADM488/ADM489 and
reflections are minimized.
The communications network may be extended to include
multipoint connections as shown in Figure 25. Up to 32 trans-
ceivers may be connected to the bus.
Tables I and II show the truth tables for transmitting and
receiving.
Table I. Transmitting Truth Table
Inputs
Outputs
RE
DE
DI
Z
Y
X
1
101
X
1
010
0
0
X
Hi-Z
Hi-Z
1
0
X
Hi-Z
Hi-Z
X = Don’t Care.
Table II. Receiving Truth Table
Inputs
Output
RE
DE
A-B
RO
00
≥ +0.2 V
1
01
≤ +0.2 V
0
0
0
Inputs O/C
1
1
0
X
Hi-Z
X = Don’t Care.
EFT TRANSIENT PROTECTION SCHEME
The ADM488/ADM489 uses protective clamping structures on
its inputs and outputs that clamp the voltage to a safe level and
dissipates the energy present in ESD (Electrostatic) and EFT
(Electrical Fast Transients) discharges.
FAST TRANSIENT BURST IMMUNITY (IEC1000-4-4)
IEC1000-4-4 (previously 801-4) covers electrical fast-transient/
burst (EFT) immunity. Electrical fast transients occur as a
result of arcing contacts in switches and relays. The tests simu-
late the interference generated when, for example, a power relay
disconnects an inductive load. A spark is generated due to the
well known back EMF effect. In fact, the spark consists of a
burst of sparks as the relay contacts separate. The voltage ap-
pearing on the line, therefore, consists of a burst of extremely
fast transient impulses. A similar effect occurs when switching
on fluorescent lights.
ADM488
D
RO
DI
A
B
Z
Y
RE
DE
+5V
0.1 F
RS-485/RS-422 LINK
R
R
ADM489
+5V
0.1 F
D
RO
DI
RE
DE
GND
GND
VCC
VCC
A
B
Z
Y
Figure 19. ADM488/ADM489 Full-Duplex Data Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com