Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488AN Datasheet(PDF) 3 Page - Analog Devices

Part # ADM488AN
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488AN Datasheet(HTML) 3 Page - Analog Devices

  ADM488AN Datasheet HTML 1Page - Analog Devices ADM488AN Datasheet HTML 2Page - Analog Devices ADM488AN Datasheet HTML 3Page - Analog Devices ADM488AN Datasheet HTML 4Page - Analog Devices ADM488AN Datasheet HTML 5Page - Analog Devices ADM488AN Datasheet HTML 6Page - Analog Devices ADM488AN Datasheet HTML 7Page - Analog Devices ADM488AN Datasheet HTML 8Page - Analog Devices ADM488AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM488/ADM489
–3–
REV. 0
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Inputs
Driver Input (DI) . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Control Inputs (DE,
RE) . . . . . . . . . –0.3 V to V
CC + 0.3 V
Receiver Inputs (A, B) . . . . . . . . . . . . . . . . –14 V to +14 V
Outputs
Driver Outputs . . . . . . . . . . . . . . . . . . . . . –14 V to +12.5 V
Receiver Output . . . . . . . . . . . . . . . . –0.5 V to VCC + 0.5 V
Power Dissipation 8-Lead DIP . . . . . . . . . . . . . . . . . 700 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . 120
°C/W
Power Dissipation 8-Lead SOIC . . . . . . . . . . . . . . . . 520 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . 110
°C/W
Power Dissipation 14-Lead DIP . . . . . . . . . . . . . . . . 800 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . 140
°C/W
Power Dissipation 14-Lead SOIC . . . . . . . . . . . . . . . 800 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . 120
°C/W
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADM488AR
–40
°C to +85°C
8-Lead Narrow Body (SOIC)
SO-8
ADM488AN
–40
°C to +85°C
8-Lead Plastic DIP
N-8
ADM489AN
–40
°C to +85°C
14-Lead Plastic DIP (Narrow)
N-14
ADM489AR
–40
°C to +85°C
14-Lead Narrow Body (SOIC)
R-14
ADM489ARU
–40
°C to +85°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
Power Dissipation 16-Lead TSSOP . . . . . . . . . . . . . . 800 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . 150
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300
°C
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD Rating, MIL-STD-883B . . . . . . . . . . . . . . . . . . . . . 4 kV
EFT Rating, IEC1000-4-4 . . . . . . . . . . . . . . . . . . . . . . . 2 kV
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods of time may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com