Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0465002.DR Datasheet(PDF) 3 Page - Littelfuse

Part # 0465002.DR
Description  Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0465002.DR Datasheet(HTML) 3 Page - Littelfuse

  0465002.DR Datasheet HTML 1Page - Littelfuse 0465002.DR Datasheet HTML 2Page - Littelfuse 0465002.DR Datasheet HTML 3Page - Littelfuse 0465002.DR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
83
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
NANO2® > 250V UMF Time Lag > 465 Series
465 Series
Please refer to www.littelfuse.com/series/465.html for current information.
Materials
Product Marketing
Operating Temperature
O
O
Moisture Sensitivity
Level
Solderability
Insulation Resistance
(after opening
Shock
Thermal Shock
O
Mechanical Shock
Vibration
Moisture Resistance
Salt Spray
Resistance to Soldering
Heat
Product Characteristics
REFLOW SOLDER
F
2.8
(.11")
12.1
(.475")
4.5
(.177")
6.7
(.264")
6.8
(.264")
WAVE SOLDER
3.5
(.14")
AC250V
T500mAL
6.9
(.27")
5.6
(.22")
5.6
(.22")
4.5
(.177")
Height
END CAP
TOP VIEW
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
0465 .500 D R
SERIES
AMP Code
*
QUANTITY Code
PACKAGING Code
*Example:
02.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com