Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJH6284 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MJH6284
Description  DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJH6284 Datasheet(HTML) 2 Page - Motorola, Inc

  MJH6284 Datasheet HTML 1Page - Motorola, Inc MJH6284 Datasheet HTML 2Page - Motorola, Inc MJH6284 Datasheet HTML 3Page - Motorola, Inc MJH6284 Datasheet HTML 4Page - Motorola, Inc MJH6284 Datasheet HTML 5Page - Motorola, Inc MJH6284 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJH6282 MJH6283 MJH6284 MJH6285 MJH6286 MJH6287
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage
(IC = 0.1 Adc, IB = 0)
MJH6282, MJH6285
MJH6283, MJH6286
MJH6284, MJH6287
VCEO(sus)
60
80
100
—
—
—
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
MJH6282, MJH6285
(VCE = 40 Vdc, IB = 0)
MJH6283, MJH6286
(VCE = 50 Vdc, IB = 0)
MJH6284, MJH6287
ICEO
—
—
—
1.0
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = Rated VCB, VBE(off) = 1.5 Vdc)
(VCE = Rated VCB, VBE(off) = 1.5 Vdc, TC = 150_C)
ICEX
—
—
0.5
5.0
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
—
2.0
mAdc
ON CHARACTERISTICS (1)
DC Current Gain (IC = 10 Adc, VCE = 3.0 Vdc)
DC Current Gain (IC = 20 Adc, VCE = 3.0 Vdc)
hFE
750
100
18,000
—
—
Collector–Emitter Saturation Voltage (IC = 10 Adc, IB = 40 mAdc)
Collector–Emitter Saturation Voltage (IC = 20 Adc, IB = 200 mAdc)
VCE(sat)
—
—
2.0
3.0
Vdc
Base–Emitter On Voltage (IC = 10 Adc, VCE = 3.0 Vdc)
VBE(on)
—
2.8
Vdc
Base–Emitter Saturation Voltage (IC = 20 Adc, IB = 200 mAdc)
VBE(sat)
—
4.0
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain Bandwidth Product (IC = 10 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
fT
4.0
—
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
MJH6282, 83, 84
MJH6285, 86, 87
Cob
—
—
400
600
pF
Small–Signal Current Gain (IC = 10 Adc, VCE = 3.0 Vdc, f = 1.0 kHz)
hfe
300
—
—
SWITCHING CHARACTERISTICS
Resistive Load
Symbol
Typical
Unit
Resistive Load
Symbol
NPN
PNP
Unit
Delay Time
VCC = 30 Vdc, IC = 10 Adc
IB1 = IB2 = 100 mA
Duty Cycle = 1.0%
td
0.1
0.1
µs
Rise Time
VCC = 30 Vdc, IC = 10 Adc
IB1 = IB2 = 100 mA
Duty Cycle = 1.0%
tr
0.3
0.3
Storage Time
IB1 = IB2 = 100 mA
Duty Cycle = 1.0%
ts
1.0
1.0
Fall Time
tf
3.5
2.0
(1) Pulse test: Pulse Width = 300
µs, Duty Cycle = 2.0%.
Figure 2. Switching Times Test Circuit
Figure 3. Darlington Schematic
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1, MUST BE FAST RECOVERY TYPES, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
V2
APPROX
+12 V
0
V1
APPROX
– 8.0 V
25
µs
tr, tf, ≤ 10 ns
DUTY CYCLE = 1.0%
for td and tr, D1 is disconnected
and V2 = 0
For NPN test circuit reverse diode and voltage polarities.
TUT
VCC
– 30 V
SCOPE
≈ 8.0 k
≈ 50
+ 4.0 V
RB
51
D1
RC
NPN
MJH6282
MJH6283
MJH6284
PNP
MJH6285
MJH6286
MJH6287
COLLECTOR
COLLECTOR
EMITTER
EMITTER
BASE
BASE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com