Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM709 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM709
Description  Power Supply Monitor with Reset
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM709 Datasheet(HTML) 2 Page - Analog Devices

  ADM709 Datasheet HTML 1Page - Analog Devices ADM709 Datasheet HTML 2Page - Analog Devices ADM709 Datasheet HTML 3Page - Analog Devices ADM709 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV. 0
–2–
(VCC = Full Operating Range, TA = TMIN to TMAX unless otherwise noted)
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
RESET
Output . . . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
VCC Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
RESET
Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Power Dissipation, N-8 DIP . . . . . . . . . . . . . . . . . . . . 727 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 135
°C/W
Power Dissipation, SO-8 SOIC . . . . . . . . . . . . . . . . . . 470 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 110
°C/W
Operating Temperature Range
Industrial ( A Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >5 kV
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum ratings for extended periods of time may affect device reliability.
PIN FUNCTION DESCRIPTION
Mnemonic Pin No.
Function
NC
1, 4, 5, 6, 8
No Connect Pins.
VCC
2
+5 V, +3.3 V, +3 V Power Supply
Input.
RESET
7
Logic Output. It remains low while
VCC is below the reset threshold
voltage and for 280 ms (typ) after
VCC rises above the threshold.
GND
3
Ground, 0 V.
ADM709–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
VCC Operating Voltage Range
1.0
5.5
V
TA = 0°C to +70°C
1.2
5.5
V
TA = –40
°C to +85°C
Supply Current
35
85
µAV
CC < 3.6 V, TA = 0
°C to +70°C
35
110
µAV
CC < 3.6 V, TA = –40°C to +85°C
65
150
µAV
CC < 5.5 V, TA = 0
°C to +70°C
65
200
µAV
CC < 5.5 V, TA = –40
°C to +85°C
Reset Threshold
4.5
4.65
4.75
V
ADM709L
4.25
4.40
4.50
V
ADM709M
3.00
3.08
3.15
V
ADM709T
2.85
2.93
3.00
V
ADM709S
2.55
2.63
2.70
V
ADM709R
VCC to RESET Delay
20
µsV
CC = Reset Threshold max–min
RESET
Active Time-Out Period
140
280
380
ms
VCC = Reset Threshold max, VCC Rising
RESET
Output Voltage
0.3
V
ADM709R/S/T, ISINK = 1.2 mA. VCC = Reset
Threshold min
0.4
V
ADM709L/M, ISINK = 3.2 mA. VCC = Reset
Threshold min
0.3
V
ISINK = 50
µA. V
CC
≥ 1.0 V
0.4
V
ISINK = 100
µA. V
CC
≥ 1.2 V
0.8 × V
CC
V
ADM709R/S/T, ISOURCE = 500 µA, VCC ≥ Reset
Threshold max
VCC–1.5 V
V
ADM709L/M, ISOURCE = 800
µA, V
CC
≥ Reset
Threshold max
Specifications subject to change without notice.
PIN CONFIGURATION
VCC
RESET
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADM709
NC
GND
NC
NC
NC
NC
NC = NO CONNECT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com