Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM809 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM809
Description  Microprocessor Supervisory Circuit in 3-Pin SOT-23
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM809 Datasheet(HTML) 2 Page - Analog Devices

  ADM809 Datasheet HTML 1Page - Analog Devices ADM809 Datasheet HTML 2Page - Analog Devices ADM809 Datasheet HTML 3Page - Analog Devices ADM809 Datasheet HTML 4Page - Analog Devices ADM809 Datasheet HTML 5Page - Analog Devices ADM809 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
–2–
REV. 0
ADM809/ADM810–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
VCC Operating Voltage Range
1.0
5.5
V
TA = 0
°C to +70°C
1.2
5.5
V
TA = –40
°C to +105°C
Supply Current
24
60
µAV
CC < 5.5 V, ADM8_L/M, TA = –40°C to +85°C
17
50
µAV
CC < 3.6 V, ADM8_R/S/T, TA = –40
°C to +85°C
100
µAV
CC < 5.5 V, ADM8_L/M, TA = +85
°C to +105°C
100
µAV
CC < 3.6 V, ADM8_R/S/T, TA = +85°C to +105°C
RESET THRESHOLD
Reset Voltage Threshold
ADM8_L
4.56
4.63
4.70
V
TA = +25°C
ADM8_L
4.5
4.75
V
TA = –40
°C to +85°C
ADM8_L
4.40
4.86
V
TA = +85
°C to +105°C
ADM8_M
4.31
4.38
4.45
V
TA = +25°C
ADM8_M
4.25
4.5
V
TA = –40
°C to +85°C
ADM8_M
4.16
4.56
V
TA = +85
°C to +105°C
ADM8_ J
3.93
4.00
4.06
V
TA = +25°C
ADM8_ J
3.89
4.10
V
TA = –40
°C to +85°C
ADM8_ J
3.80
4.20
V
TA = +85
°C to +105°C
ADM8_T
3.04
3.08
3.11
V
TA = +25°C
ADM8_T
3.00
3.15
V
TA = –40
°C to +85°C
ADM8_T
2.92
3.23
V
TA = +85
°C to +105°C
ADM8_S
2.89
2.93
2.96
V
TA = +25°C
ADM8_S
2.85
3.00
V
TA = –40
°C to +85°C
ADM8_S
2.78
3.08
V
TA = +85
°C to +105°C
ADM8_R
2.59
2.63
2.66
V
TA = +25°C
ADM8_R
2.55
2.70
V
TA = –40
°C to +85°C
ADM8_R
2.50
2.76
V
TA = +85
°C to +105°C
Reset Threshold Temperature Coefficient
30
ppm/
°C
VCC to Reset Delay
20
µsV
CC = VTH to (VTH –100 mV)
Reset Active Timeout Period
140
240
560
ms
TA = –40
°C to +85°C
100
840
ms
TA = +85°C to +105°C
RESET Output Voltage Low (ADM809)
0.3
V
VCC = VTH min, ISINK = 1.2 mA, ADM809R/S/T
0.4
V
VCC = VTH min, ISINK = 3.2 mA, ADM809L/M
0.3
V
VCC >1.0 V, ISINK = 50
µA
RESET Output Voltage High (ADM809)
0.8 VCC
VVCC > VTH max, ISOURCE = 500
µA, ADM809R/S/T
VCC–1.5
V
VCC > VTH max, ISOURCE = 800
µA, ADM809L/M
RESET Output Voltage Low (ADM810)
0.3
V
VCC = VTH min, ISINK = 1.2 mA, ADM810R/S/T
0.4
V
VCC = VTH min, ISINK = 3.2 mA, ADM810L/M
RESET Output Voltage High (ADM810)
0.8 VCC
V
1.8 V < VCC < VTH min, ISOURCE = 150
µA
(VCC = Full Operating Range, TA = TMIN to TMAX, VCC typ = 5 V for L/M/J, 3.3 V
for T/S, 3 V for R Models unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
RESET, RESET . . . . . . . . . . . . . . . . . . –0.3 V to Vcc + 0.5 V
Input Current
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Output Current
RESET, RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Rate of Rise, VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 V/
µs
Power Dissipation, RT-3 SOT-23 . . . . . . . . . . . . . . . . 320 mW
Derate by 4 mW/
°C above +70°C
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . . 333
°C/W
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum ratings for
extended periods of time may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADM809/ADM810 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com