Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM708R Datasheet(PDF) 3 Page - Analog Devices

Part # ADM708R
Description  3 V, Voltage Monitoring uP Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708R Datasheet(HTML) 3 Page - Analog Devices

  ADM708R Datasheet HTML 1Page - Analog Devices ADM708R Datasheet HTML 2Page - Analog Devices ADM708R Datasheet HTML 3Page - Analog Devices ADM708R Datasheet HTML 4Page - Analog Devices ADM708R Datasheet HTML 5Page - Analog Devices ADM708R Datasheet HTML 6Page - Analog Devices ADM708R Datasheet HTML 7Page - Analog Devices ADM708R Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ORDERING GUIDE
Temperature
Package
Model
Range
Options
ADM706PAN
–40
°C to +85°C
N-8
ADM706PAR
–40
°C to +85°C
SO-8
ADM706RAN
–40
°C to +85°C
N-8
ADM706RAR
–40
°C to +85°C
SO-8
ADM706SAN
–40
°C to +85°C
N-8
ADM706SAR
–40
°C to +85°C
SO-8
ADM706TAN
–40
°C to +85°C
N-8
ADM706TAR
–40
°C to +85°C
SO-8
ADM708RAN
–40
°C to +85°C
N-8
ADM708RAR
–40
°C to +85°C
SO-8
ADM708SAN
–40
°C to +85°C
N-8
ADM708SAR
–40
°C to +85°C
SO-8
ADM708TAN
–40
°C to +85°C
N-8
ADM708TAR
–40
°C to +85°C
SO-8
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
MR to Reset Output Delay
750
ns
VRST (max) < VCC < 3.6 V
250
ns
4.5 V < VCC < 5.5 V
PFI Input Threshold
1.2
1.25
1.3
V
ADM70_P/R; VCC = 3 V. ADM70_S/T,
VCC = 3.3 V, PFI falling
PFI Input Current
–25
0.01
25
nA
PFO Output Voltage
VOH
0.8
× V
CC
VVRST (max) < VCC < 3.6 V, ISOURCE = 500
µA
VOL
0.3
V
VRST (max) < VCC < 3.6 V, ISINK = 1.2 mA
VOH
VCC–1.5 V
V
4.5 V < VCC < 5.5 V, ISOURCE = 800
µA
VOL
0.4
V
4.5 V < VCC < 5.5 V, ISINK = 3.2 mA
ADM706P/R/S/T, ADM708R/S/T
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
All Other Inputs . . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Input Current
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Power Dissipation, N-8 DIP . . . . . . . . . . . . . . . . . . . . 727 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 135
°C/W
Power Dissipation, SO-8 SOIC . . . . . . . . . . . . . . . . . . 470 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 110
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>5 kV
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum
ratings for extended periods of time may affect device reliability.
REV. A
–3–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com