Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM697SQ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM697SQ
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM697SQ Datasheet(HTML) 2 Page - Analog Devices

  ADM697SQ Datasheet HTML 1Page - Analog Devices ADM697SQ Datasheet HTML 2Page - Analog Devices ADM697SQ Datasheet HTML 3Page - Analog Devices ADM697SQ Datasheet HTML 4Page - Analog Devices ADM697SQ Datasheet HTML 5Page - Analog Devices ADM697SQ Datasheet HTML 6Page - Analog Devices ADM697SQ Datasheet HTML 7Page - Analog Devices ADM697SQ Datasheet HTML 8Page - Analog Devices ADM697SQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADM696/ADM697–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
VCC Operating Voltage Range
3.0
5.5
V
VBATT Operating Voltage Range
2.0
VCC – 0 3
V
BATTERY BACKUP SWITCHING (ADM696)
VOUT Output Voltage
VCC – 0.05
VCC – 0.025
V
IOUT = 1 mA
VCC – 0.5
VCC – 0.25
V
IOUT ≤ 100 mA
VOUT in Battery Backup Mode
VBATT – 0.05
VBATT – 0.02
V
IOUT = 250 µA, VCC < VBATT – 0.2 V
Supply Current (Excludes IOUT)
1
1.95
mA
IOUT = 100 mA
Supply Current in Battery Backup Mode
0.6
1
µAV
CC = 0 V, VBATT = 2.8 V
Battery Standby Current
5.5 V > VCC > VBATT + 0.2 V
(+ = Discharge, – = Charge)
–0.1
+0.02
µAT
A = +25°C
–1
+0.02
µA
Battery Switchover Threshold
70
mV
Power-Up
VCC – VBATT
50
mV
Power-Down
Battery Switchover Hysteresis
20
mV
BATT ON Output Voltage
0.4
V
ISINK = 1.6 mA
BATT ON Output Short Circuit Current
7
mA
BATT ON = VOUT = 2.4 V Sink Current
0.5
1
25
µA
BATT ON = VOUT, VCC = 0 V, Source Current
RESET AND WATCHDOG TIMER
Low Line Threshold (LLIN)
1.25
1.3
1.35
V
VCC = +5 V, +3 V
Reset Timeout Delay
35
50
70
ms
OSC SEL = HIGH, VCC= 5 V, TA = +25°C
Watchdog Timeout Period, Internal Oscillator
1.0
1.6
2.25
s
Long Period, VCC = 5 V, TA = +25
°C
70
100
140
ms
Short Period, VCC = 5 V, TA = +25°C
Watchdog Timeout Period, External Clock
4032
4097
Cycles
Long Period
960
1025
Cycles
Short Period
Minimum WDI Input Pulse Width
50
ns
VIL = 0.4, VIH = 3.5 V, VCC = 5 V
RESET
Output Voltage @ VCC = +1 V
4
200
mV
ISINK = 10
µA, V
CC = 1 V
RESET, RESET Output Voltage
0.4
V
ISINK = 400 µA, VCC = 2 V, VBATT = 0 V
0.4
V
ISINK = 1.6 mA, 3 V < VCC < 5.5 V
3.5
V
ISOURCE = 1 µA, VCC = 5 V
LOW LINE
, WDO Output Voltage
0.4
V
ISINK = 1.6 mA,
3.5
V
ISOURCE = 1
µA, V
CC = 5 V
Output Short Circuit Source Current
1
3
25
µA
WDI Input Threshold
VCC = 5 V
1
Logic Low
0.8
V
Logic High
3.5
V
WDI Input Current
20
50
µA
WD1 = VOUT, (VCC) TA = +25°C
–50
–15
µA
WD1 = 0 V, TA = +25°C
POWER FAIL DETECTOR
PFI Input Threshold
1.2
1.3
1.4
V
VCC = +3 V, +5 V
PFI–LLIN Threshold Difference
–50
±15
+50
mV
VCC = +3 V, +5 V
PFI Input Current
–25
±0.01
+25
nA
LLIN Input Current
–50
±0.01
+50
nA
PFO
Output Voltage
0.4
V
ISINK = 1.6 mA
3.5
V
ISOURCE = 1 µA, VCC = 5 V
PFO
Short Circuit Source Current
1
3
25
µA
PFI = Low, PFO = 0 V
CHIP ENABLE GATING (ADM697)
CEIN Threshold
0.8
V
VIL
3.0
V
VIH, VCC = 5 V
CEIN Pullup Current
3
µA
CEOUT Output Voltage
0.4
V
ISINK = 1.6 mA
VCC – 0.5
V
ISOURCE = 800 µA
CE
Propagation Delay
5
25
ns
OSCILLATOR
OSC IN Input Current
±2
µA
OSC SEL Input Pullup Current
5
µA
OSC IN Frequency Range
0
250
kHz
OSC SEL = 0 V
OSC IN Frequency with Ext. Capacitor
4
kHz
OSC SEL = 0 V, COSC = 47 pF
NOTE
1WDI is a three-level input which is internally biased to 38% of V
CC and has an input impedance of approximately 125 k
Ω.
Specifications subject to change without notice.
REV. 0
–2–
(VCC = Full Operating Range, VBATT = +2.8 V, TA = TMIN to TMAX
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com