Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8698 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM8698
Description  Microprocessor Supervisory Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8698 Datasheet(HTML) 2 Page - Analog Devices

  ADM8698 Datasheet HTML 1Page - Analog Devices ADM8698 Datasheet HTML 2Page - Analog Devices ADM8698 Datasheet HTML 3Page - Analog Devices ADM8698 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV. 0
–2–
ORDERING GUIDE
Temperature
Package
Model
Range
Options*
ADM8698AN
–40
°C to +85°C
N-8
ADM8698ARW
–40
°C to +85°C
R-16
ADM8698ARN
–40
°C to +85°C
R-8
ADM8699AN
–40
°C to +85°C
N-8
ADM8699ARW
–40
°C to +85°C
R-16
ADM8699ARN
–40
°C to +85°C
R-8
*N = Plastic DIP; R = Small Outline.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
All Other Inputs . . . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Power Dissipation 8-Pin DIP . . . . . . . . . . . . . . . . . . . . 500 mW
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . +120
°C/W
Power Dissipation 16-Pin SOIC . . . . . . . . . . . . . . . . . 375 mW
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . +110°C/W
Power Dissipation 8-Pin SOIC . . . . . . . . . . . . . . . . . . 500 mW
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . +125
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4 kV
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum ratings for
extended periods of time may affect device reliability.
(VCC = +5 V
10%, TA = TMIN to TMAX unless otherwise noted)
ADM8698/ADM8699–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
VCC Operating Voltage Range
3.0
5.5
V
Supply Current
70
100
µA
Power-Down Reset Assertion
4.5
4.65
4.75
V
Power-Up Reset Deassertion
Reset Threshold Hysteresis
40
mV
Reset Active Time
140
200
280
ms
Watchdog Timeout Period (ADM8699)
1.0
1.6
2.25
s
Minimum WDI Input Pulse Width
50
ns
VIL = 0.4, VIH = 0.8 (VCC)
RESET Output Voltage
0.4
V
ISINK = 3.2 mA, VCC = 4.4 V
RESET Output Voltage (VCC = 1 V)
12
200
mV
ISINK = 100
µA, V
CC = 1.0 V
3.5
V
ISOURCE = 500 µA, VCC = 5 V
RESET and WDO Output Voltage
0.4
V
ISINK = 3.2 mA, VCC = 5 V
3.5
V
ISOURCE = 1
µA, V
CC = 4.4 V
RESET Output Short Circuit Current
45
mA
Output Sink Current
WDI Input Threshold (ADM8699)
Logic Low
0.8
V
Logic High
3.5
V
WDI Input Current
+1
+10
µA
WDI = VCC
–10
–1
µA
WDI = 0 V
Specifications subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com