Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM707ARM Datasheet(PDF) 5 Page - Analog Devices

Part # ADM707ARM
Description  Low Cost uP Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM707ARM Datasheet(HTML) 5 Page - Analog Devices

  ADM707ARM Datasheet HTML 1Page - Analog Devices ADM707ARM Datasheet HTML 2Page - Analog Devices ADM707ARM Datasheet HTML 3Page - Analog Devices ADM707ARM Datasheet HTML 4Page - Analog Devices ADM707ARM Datasheet HTML 5Page - Analog Devices ADM707ARM Datasheet HTML 6Page - Analog Devices ADM707ARM Datasheet HTML 7Page - Analog Devices ADM707ARM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADM705–ADM708
REV. B
–5–
Power-Fail Comparator
The power-fail comparator is an independent comparator that
may be used to monitor the input power supply. The comparator’s
inverting input is internally connected to a 1.25 V reference
voltage. The noninverting input is available at the PFI input.
This input may be used to monitor the input power supply via
a resistive divider network. When the voltage on the PFI input
drops below 1.25 V, the comparator output (
PFO) goes low,
indicating a power failure. For early warning of power failure,
the comparator may be used to monitor the preregulator input
simply by choosing an appropriate resistive divider network.
The
PFO output can be used to interrupt the processor so that
a shutdown procedure is implemented before the power is lost.
INPUT
POWER
R1
R2
POWER-FAIL
INPUT
1.25V
PFI
PFO
POWER-FAIL
OUTPUT
ADM70x
Figure 5. Power-Fail Comparator
Adding Hysteresis to the Power-Fail Comparator
For increased noise immunity, hysteresis may be added to the
power-fail comparator. Since the comparator circuit is non-
inverting, hysteresis can be added simply by connecting a
resistor between the
PFO output and the PFI input as shown in
Figure 6. When
PFO is low, resistor R3 sinks current from the
summing junction at the PFI pin. When
PFO is high, resistor
R3 sources current into the PFI summing junction. This results
in differing trip levels for the comparator. Further noise immu-
nity may be achieved by connecting a capacitor between PFI
and GND.
7V TO 15V
INPUT POWER
TO
P NMI
R3
5V
VCC
R1
R2
1.25V
PFI
PFO
ADM70x
ADM663
5V
PFO
0V
0V
VL
VIN
VH
Figure 6. Adding Hysteresis to the Power-Fail Comparator
V
RR
RR
R
VR
R
V
RE
V
RR
R
H
L
CC
MID
=
[ +
+
×


=+


=
+


125 1
23
23
1
125
1
125
2
125
125
12
2
.]
.
.
–
– .
.
Valid
RESET Below 1 V V
CC
The ADM70x family of products is guaranteed to provide a
valid reset level with VCC as low as 1 V; please refer to the Typi-
cal Performance Characteristics. As VCC drops below 1 V, the
internal transistor will not have sufficient drive to hold it ON so
the voltage on
RESET will no longer be held at 0 V. A pull-down
resistor as shown in Figure 7 may be connected externally to
hold the line low if it is required.
ADM70x
GND
RESET
R1
Figure 7.
RESET Valid Below 1 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com