Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM9240 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM9240
Description  Low Cost Microprocessor System Hardware Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9240 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM9240 Datasheet HTML 14Page - Analog Devices ADM9240 Datasheet HTML 15Page - Analog Devices ADM9240 Datasheet HTML 16Page - Analog Devices ADM9240 Datasheet HTML 17Page - Analog Devices ADM9240 Datasheet HTML 18Page - Analog Devices ADM9240 Datasheet HTML 19Page - Analog Devices ADM9240 Datasheet HTML 20Page - Analog Devices ADM9240 Datasheet HTML 21Page - Analog Devices ADM9240 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ADM9240
–21–
REV. 0
Table XV. Register 48h, Serial Address Register (Power-On Default = 0010 11(A1)(A0))
Bit
Name
R/
W
Description
0–6
Serial Bus Address
Read/
Write
Serial Bus Address (Bits 0 and 1 are Set by A0, A1 and Bit 7 is Read Only)
Table XVI. Register 49h, VID 4/Device ID Register (Power-On Default 1000000(VID4))
Bit
Name
R/
W
Description
0
VID4
Read
VID4 Input from Pentium
®
1–7
Reserved
Read/
Write
Table XVII. Register 4Bh, Temperature Configuration Register (Power-On Default = 01h)
Bit
Name
R/
W
Description
0–1
Hot Temperature
Read/
Write
If Bit 0 and Bit 1 of this register are both zero or one, this selects the default
Interrupt Mode
interrupt mode, which gives the user an interrupt if the temperature goes above
Select Bits
the hot limit. The interrupt will be cleared once the status register is read, but it
will again be generated when the next conversion has completed. It will continue to
do so until the temperature goes below the hysteresis limit.
A 0 on Bit 1 and a 1 on Bit 0 selects the one-time interrupt mode, which gives the
user an interrupt when the temperature goes above the hot limit. The interrupt will
be cleared once the status register is read. Another interrupt will not be generated
until the temperature first goes below the hysteresis limit. No more interrupts will
be generated until the temperature again goes above the hot limit. The correspond-
ing bit will be cleared in the status register every time it is read, but may not set
again when the next conversion is done. Note that this is the power-up default
mode.
A 1 on Bit 1 and a 0 on Bit 0 selects the comparator mode. This gives an
INT
when the temperature exceeds the hot limit. This
INT remains active until the
temperature goes below the hot limit (no hysteresis), when the
INT will become
inactive.
2–6
Reserved
Read/
Write
Default = 00000
7
Temp
Read only
LSB of Temperature Reading = 0.5
°C
Pentium is a registered trademark of Intel Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com