Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM800 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM800
Description  Microprocessor Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM800 Datasheet(HTML) 4 Page - Analog Devices

  ADM800 Datasheet HTML 1Page - Analog Devices ADM800 Datasheet HTML 2Page - Analog Devices ADM800 Datasheet HTML 3Page - Analog Devices ADM800 Datasheet HTML 4Page - Analog Devices ADM800 Datasheet HTML 5Page - Analog Devices ADM800 Datasheet HTML 6Page - Analog Devices ADM800 Datasheet HTML 7Page - Analog Devices ADM800 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADM690A/ADM692A/ADM802L/M/ADM805L/M
–4–
REV. 0
Typical Performance Curves
IOUT – mA
3
2.75
2
10
70
20
30
40
50
60
2.5
2.25
ROUT = 9.3Ω
Figure 1. Output Voltage vs. Load Current in Battery
Backup
10
0%
100
90
2µs
200mV
PFO
1.3V
PFI
1.2V
Figure 2. Power Fail Comparator Response Time L ¨ H
10
0%
100
90
10µs
1V
5V
VCC
RESET
4V
TA = +25 C
Figure 3. ADM690A RESET Response Time
IOUT – mA
5.00
4.92
4.84
20
200
50
100
150
4.9
4.88
4.86
4.98
4.96
4.88
ROUT = 0.53Ω
Figure 4. Output Voltage vs. Load Current in Normal
Operation
10
0%
100
90
2µs
200mV
TA = +25 C
5V
PFO
1.3V
PFI
0V
1.2V
Figure 5. Power Fail Comparator Response Time H ¨ L
10
0%
100
90
400ms
1V
Figure 6. RESET Output Voltage vs. VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com