Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7175MP-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7175MP-13
Description  The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7175MP-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7175MP-13 Datasheet HTML 1Page - Diodes Incorporated AP7175MP-13 Datasheet HTML 2Page - Diodes Incorporated AP7175MP-13 Datasheet HTML 3Page - Diodes Incorporated AP7175MP-13 Datasheet HTML 4Page - Diodes Incorporated AP7175MP-13 Datasheet HTML 5Page - Diodes Incorporated AP7175MP-13 Datasheet HTML 6Page - Diodes Incorporated AP7175MP-13 Datasheet HTML 7Page - Diodes Incorporated AP7175MP-13 Datasheet HTML 8Page - Diodes Incorporated AP7175MP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP7175
Document number: DS35606 Rev. 3 - 2
1 of 14
www.diodes.com
December 2012
© Diodes Incorporated
AP7175
3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
Description
The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that
features an enable input and a power-good output.
The enable input and power-good output allow users to configure
power
management
solutions
that
can
meet
the
sequencing
requirements of FPGAs, DSPs, and other applications with different
start-up and power-down requirements.
The AP7175 features two supply inputs, for power conversion supply
and control. With the separation of the control and the power input
very low dropout voltages can be reached and power dissipation is
reduced.
A precision reference and feedback control deliver 1.5% accuracy
over load, line, and operating temperature ranges.
The AP7175 is available in SO-8EP and MSOP-8EP package with an
exposed PAD to reduce the junction to case resistance and extend
the temperature range it can be used in.
Features
•
VIN Range: 1.2V to 3.65V VCNTL 3.0V to 5.5V
•
Adjustable output voltage
•
Continuous Output Current IOUT = 3A
•
Fast transient response
•
Power on reset monitoring on VCNTL and VIN
•
Internal Softstart
•
Stable with Low ESR MLCC capacitors
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
•
Notebook
•
PC
•
Netbook
•
Wireless Communication
•
Server
•
Motherboard
•
Dongle
•
Front Side Bus VTT (1.2V/3.3A)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
ON
OFF
PG
VCNTL
VIN
EN
VOUT
FB
GND
C1
R1
R2
CIN
COUT
CCNTL
R3
*Optional
10uF
1uF
5.1K
Ω
10uF
24K
Ω
12K
Ω
AP7175
Figure 1. Typical Application Circuit


Similar Part No. - AP7175MP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7175MP-13 DIODES-AP7175MP-13 Datasheet
876Kb / 14P
3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
Rev 4
More results

Similar Description - AP7175MP-13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5663 ONSEMI-NCP5663 Datasheet
377Kb / 12P
Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5662 ONSEMI-NCP5662_07 Datasheet
615Kb / 14P
Low Output Voltage, Ultra?묯ast 2.0 A Low Dropout Linear Regulator with Enable
January, 2007 ??Rev. 7
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
ON Semiconductor
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com