Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TK Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF8523TK
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TK Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF8523TK Datasheet HTML 35Page - NXP Semiconductors PCF8523TK Datasheet HTML 36Page - NXP Semiconductors PCF8523TK Datasheet HTML 37Page - NXP Semiconductors PCF8523TK Datasheet HTML 38Page - NXP Semiconductors PCF8523TK Datasheet HTML 39Page - NXP Semiconductors PCF8523TK Datasheet HTML 40Page - NXP Semiconductors PCF8523TK Datasheet HTML 41Page - NXP Semiconductors PCF8523TK Datasheet HTML 42Page - NXP Semiconductors PCF8523TK Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
39 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
If a new value of n is written before the end of the actual timer-period, this value will take
immediate effect. It is not recommended to change n without first disabling the counter by
setting TBC logic 0 (register Tmr_CLKOUT_ctrl). The update of n is asynchronous to the
timer clock. Therefore changing it on the fly could result in a corrupted value loaded into
the countdown counter. This can result in an undetermined countdown period for the first
period. The countdown value n will be correctly stored and correctly loaded on
subsequent timer-periods.
Loading the counter with 0 effectively stops the timer.
When starting the countdown timer for the first time, only the first period does not have a
fixed duration. The amount of inaccuracy for the first timer-period depends on the chosen
source clock; see Table 41.
When the interrupt generation is enabled (CTBIE = 1) and the countdown timer flag CTAF
is set logic 1, interrupt signals on INT1 and INT2 are generated. The interrupt may be
generated as a pulsed signal every countdown period or as a permanently active signal,
which follows the condition of CTBF (register Control_2). The TBM bit (register
Tmr_CLKOUT_ctrl) is used to control this mode selection. Interrupt output may be
disabled with the CTBIE bit (register Control_2).
8.9.4 Second interrupt timer
PCF8523 has a pre-defined timer, which is used to generate an interrupt once per second.
The pulse generator for the second interrupt timer operates from an internal 64 Hz clock
and generates a pulse of 1⁄64 s in duration. It is independent of the watchdog or countdown
timer and can be switched on and off by the SIE bit in register Control_1 (00h).
The interrupt generated by the second interrupt timer may be generated as pulsed signal
every second or as a permanently active signal. The TAM bit (register Tmr_CLKOUT_ctrl)
is used to control the interrupt generation mode.
When the second interrupt timer is enabled (SIE = 1), then the timer sets the flag SF
(register Control_2) every second (see Table 42). SF may only be cleared by using the
interface. Instructions, how to clear a flag, are given in Section 8.7.5.
When SF is logic 1:
• If TAM (register Tmr_CLKOUT_ctrl) is logic 1, the interrupt is generated as a pulsed
signal every second
• If TAM is logic 0, the interrupt is a permanently active signal that remains, until SF is
cleared
Table 42.
Effect of bit SIE on INT1 and bit SF
SIE
Result on INT1
Result on SF
0
no interrupt generated
SF never set
1
an interrupt once per second
SF set when seconds counter increments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com