Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1053PI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1053PI
Description  EZBuck??5A Synchronous Buck Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1053PI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1053PI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1053PI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1053PI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1053PI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1053PI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1053PI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1053PI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1053PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1053PI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AOZ1053PI
Rev. 0.4 September 2012
www.aosmd.com
Page 2 of 14
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1053PI
-40 °C to +85 °C
EPAD SO-8
Green Product
1
2
3
4
PGND
VIN
AGND
FB
Exposed Pad SO-8
(Top View)
PAD
(LX)
NC
SS
EN
COMP
8
7
6
5
Pin Number
Pin Name
Pin Function
1
PGND
Power Ground. PGND needs to be electrically connected to AGND.
2
VIN
Supply Voltage Input. When VIN rises above the UVLO threshold and EN is logic high,
the device starts up.
3
AGND
Analog Ground. AGND is the reference point for controller section. AGND needs to be
electrically connected to PGND.
4
FB
Feedback Input. The FB pin is used to set the output voltage via a resistive voltage divider
between the output and AGND.
5
COMP
External Loop Compensation Pin. Connect a RC network between COMP and AGND to
compensate the control loop.
6
EN
Enable Pin. Pull EN to logic high to enable the device. Pull EN to logic low to disable the
device. If on/off control in not needed, connect EN to VIN and do not leave it open.
7
SS
Soft-Start Pin. 5µA current charging current.
8
NC
No Connect Pin. Pin 8 is not internally connected. Connect this pin externally to LX and
use it for better thermal performance.
Exposed pad
LX
Switching Node. LX is the drain of the internal PFET. LX is used as the thermal pad of the
power stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com