Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC201AP Datasheet(PDF) 2 Page - Analog Devices

Part # ADMC201AP
Description  Motion Coprocessor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC201AP Datasheet(HTML) 2 Page - Analog Devices

  ADMC201AP Datasheet HTML 1Page - Analog Devices ADMC201AP Datasheet HTML 2Page - Analog Devices ADMC201AP Datasheet HTML 3Page - Analog Devices ADMC201AP Datasheet HTML 4Page - Analog Devices ADMC201AP Datasheet HTML 5Page - Analog Devices ADMC201AP Datasheet HTML 6Page - Analog Devices ADMC201AP Datasheet HTML 7Page - Analog Devices ADMC201AP Datasheet HTML 8Page - Analog Devices ADMC201AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Parameter
ADMC201AP
Units
Conditions/Comments
ANALOG-TO-DIGITAL CONVERTER
1
Resolution
11
Bits
Twos Complement Data Format
Relative Accuracy
± 2
LSB max
Integral Nonlinearity
Differential Nonlinearity
± 2
LSB max
Bias Offset Error
± 5
LSB max
Any Channel
Bias Offset Match
4
LSB max
Between Channels
Full-Scale Error
± 6
LSB max
Any Channel
Full-Scale Error Match
4
LSB max
Between Channels
Conversion Time/Channel
40
System CLK Cycles
Signal-to-Noise Ratio (SNR)
2
60
dB min
fIN = 600 Hz Sine Wave, fSAMPLE = 55 kHz, 600 Hz
Channel-to-Channel Isolation
Two-/Three-Phase Mode
–58
dB max
Sine Wave Applied to Unselected Channels
Three-/Three-Phase Mode
–55
dB max
ANALOG INPUTS
Input Voltage Level
0–5
Volts
Analog Input Current
100
µA max
Input Capacitance
10
pF typ
TRACK AND HOLD
Aperture Delay
200
ns max
Any Channel
Aperture Time Delay Match
20
ns max
Between Channels
SHA Acquisition Time
20
System CLK Cycles
Droop Rate
5
mV/ms max
REFERENCE INPUT
Voltage Level
2.5
V dc
Reference Input Current
50
µA max
REFERENCE OUTPUT
Voltage Level
2.5
Volts
Voltage Level Tolerance
± 5
% max
Full Load
Drive Capability
±200
µA max
LOGIC
VIL
0.8
V max
VIH
2.0
V min
VOL
0.4
V max
ISINK = 400
µA, V
DD = 5 V
VOH
4.5
V min
ISOURCE = 20
µA, V
DD = 5 V
Input Leakage Current
1
µA max
Three-State Leakage Current
1
µA max
Input Capacitance
20
pF typ
12-BIT PWM TIMERS
Resolution
12
Bits
Programmable Deadtime Range
0–10.08
µs
Programmable Deadtime Increments
2
System CLK Cycles
160 ns
Programmable Pulse Deletion Range
0–10.16
µs
Programmable Deletion Increments
1
System CLK Cycle
80 ns
Minimum PWM Frequency
1.5
kHz
Resolution Varies with PWM Switching Frequency
(10 MHz Clock: 20 kHz = 9 Bits, 10 kHz = 10 Bits,
5 kHz = 11 Bits, 2.5 kHz = 12 Bits). Higher Fre-
quencies are Available with Lower Resolution
VECTOR TRANSFORMATION
Park & Clarke Transformation
Radius Error
0.7
% max
Angular Error
30
arc min max
Reverse Transformation Time
37
System CLK Cycles
Forward Transformation Time
40
System CLK Cycles
EXTERNAL CLOCK INPUT
Range
6.25–25
MHz
If > 12.5 MHz, Then It Is Necessary to Divide Down
via SYSCTRL Register
INTERNAL SYSTEM CLOCK
Range
6.25–12.5
MHz
POWER SUPPLY CURRENT
IDD
20
mA max
NOTES
1Measurements made with external reference.
2Tested with PWM Switching Frequency of 25 kHz.
Specifications subject to change without notice.
ADMC201–SPECIFICATIONS
REV. B
–2–
(VDD = +5 V
5%; AGND = DGND = 0 V; REFIN = 2.5 V; External Clock = 12.5 MHz;
TA = –40 C to +85 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com