Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1325DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1325DI
Description  Dual Channel Load Switch with Controlled Slew Rate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1325DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1325DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1325DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1325DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1325DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1325DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1325DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1325DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1325DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1325DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev. 1.2 September 2009
www.aosmd.com
Page 2 of 12
AOZ1325DI
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Slew Rate
Output Discharge
Package
Environmental
AOZ1325DI
1ms
Yes
3x3 DFN-8
RoHS Compliant
Green Product
Pin Name
Pin Number
Pin Function
VIN1
1
Input. IN is the drain of the P-channel MOSFET. It is the supply input of the IC.
EN1
2
Enable. The P-channel MOSFET turns on when EN is logic high.
EN2
3
Enable. The P-channel MOSFET turns on when EN is logic high.
VIN2
4
Input. IN is the drain of the P-channel MOSFET. It is the supply input of the IC.
VOUT2
5
Output. OUT is the source of the P-channel MOSFET.
GND
6
Ground.
NC
7
No Connect.
VOUT1
8
Output. OUT is the source of the P-channel MOSFET.
1
2
3
4
8
7
6
5
VIN1
EN1
EN2
VIN2
VOUT1
NC
GND
VOUT2
3mm x 3mm DFN-8
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com