Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC326TR Datasheet(PDF) 21 Page - Analog Devices

Part # ADMC326TR
Description  28-Lead ROM-Based DSP Motor Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC326TR Datasheet(HTML) 21 Page - Analog Devices

Back Button ADMC326TR Datasheet HTML 17Page - Analog Devices ADMC326TR Datasheet HTML 18Page - Analog Devices ADMC326TR Datasheet HTML 19Page - Analog Devices ADMC326TR Datasheet HTML 20Page - Analog Devices ADMC326TR Datasheet HTML 21Page - Analog Devices ADMC326TR Datasheet HTML 22Page - Analog Devices ADMC326TR Datasheet HTML 23Page - Analog Devices ADMC326TR Datasheet HTML 24Page - Analog Devices ADMC326TR Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ADMC326
–21–
REV. A
SYSTEM CONTROLLER
The system controller block of the ADMC326 performs the fol-
lowing functions:
1.
Manages the interface and data transfer between the DSP
core and the motor control peripherals.
2.
Handles interrupts generated by the motor control periph-
erals and generates a DSP core interrupt signal
IRQ2.
3.
Controls the ADC multiplexer select lines.
4.
Enables
PWMTRIP and PWMSYNC interrupts.
5.
Controls the multiplexing of the SPORT1 pins to select
either DR1A or DR1B data receive pins. It also allows con-
figuration of SPORT1 as a UART interface.
6.
Controls the PWM single/double update mode.
7.
Controls the ADC conversion time modes.
8.
Controls the auxiliary PWM operation mode.
9.
Contains a status register (SYSSTAT) that indicates the
state of the
PWMTRIP pin, the watchdog timer and the
PWM timer.
10. Performs a reset of the motor control peripherals and con-
trol registers following a hardware, software or watchdog
initiated reset.
SPORT1 Control
Both data receive pins are multiplexed internally into the single
data receive input of SPORT1 as shown in Figure 18. Two
control bits in the MODECTRL register control the state of
the SPORT1 pins by manipulating internal multiplexers in
the ADMC326.
DSP
CORE
SPORT1
PIO4/DR1A
PIO2/DR1B
PIO0/TFS1
PIO5/RFS1
PIO3/SCLK1
MODECTRL (5 . . . 4)
UARTEN
DR1SEL
DT1
DR1
TFS1
RFS1
SCLK1
FL1
ADMC326
PIO1/DT1
Figure 18. Internal Multiplexing of SPORT1 Pins
Bit 4 of the MODECTRL register (DR1SEL) selects between
the two data receive pins. Setting Bit 4 of MODECTRL con-
nects pin DR1B to the internal data receive port DR1 of SPORT1.
Clearing Bit 4 connects DR1A to DR1.
Setting Bit 5 of the MODECTRL register (SPORT1 Mode)
configures the serial port for UART mode. In this mode, the
DR1 and RFS1 pins of the internal serial port are connected to-
gether. Additionally, setting the SPORT1 Mode bit connects
the FL1 flag of the DSP to the external PIO5/RFS1 pin.
Flag Pins
The ADMC326 provides flag pins. The alternate configuration
of SPORT1 includes a Flag In (FI) and Flag Out (FO) pin.
This alternate configuration of SPORT1 is selected by Bit 10 of
the DSP system control register, SYSCNTL at data memory
address, 0x3FFF. In the alternate configuration, the DR1 pin
(either DR1A or DR1B depending upon the state of the DR1SEL
bit) becomes the FI pin and the DT1 pin becomes the FO pin.
Additionally, RFS1 is configured as the
IRQ0 interrupt input
and TFS1 is configured as the
IRQ1 interrupt. The serial port
clock, SCLK1, is still available in the alternate configuration.
Development Tools
Users are recommended to obtain the ADMCF326-EVALKIT
from Analog Devices. The tool kit contains everything required
to quickly and easily evaluate and develop applications using the
ADMCF326 and ADMC326 DSP Motor Controllers. Please
contact your ADI sales representative for ordering information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com