Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC328YN Datasheet(PDF) 9 Page - Analog Devices

Part # ADMC328YN
Description  28-Lead ROM-Based DSP Motor Controller with Current Sense
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC328YN Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMC328YN Datasheet HTML 5Page - Analog Devices ADMC328YN Datasheet HTML 6Page - Analog Devices ADMC328YN Datasheet HTML 7Page - Analog Devices ADMC328YN Datasheet HTML 8Page - Analog Devices ADMC328YN Datasheet HTML 9Page - Analog Devices ADMC328YN Datasheet HTML 10Page - Analog Devices ADMC328YN Datasheet HTML 11Page - Analog Devices ADMC328YN Datasheet HTML 12Page - Analog Devices ADMC328YN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADMC328
–9–
REV. B
Serial Port
The ADMC328 incorporates a complete synchronous serial
port (SPORT1) for serial communication and multiprocessor
communication. The following is a brief list of capabilities of the
ADMC328 SPORT1. Refer to the ADSP-2100 Family User’s
Manual, Third Edition, for further details.
• SPORT1 is bidirectional and has a separate, double-buffered
transmit and receive section.
• SPORT1 can use an external serial clock or generate its own
serial clock internally.
• SPORT1 has independent framing for the receive and trans-
mit sections. Sections run in a frameless mode or with frame
synchronization signals internally or externally generated.
Frame synchronization signals are active high or inverted,
with either of two pulsewidths and timings.
• SPORT1 supports serial data word lengths from 3 bits to 16
bits and provides optional A-law and
µ-law companding ac-
cording to ITU (formerly CCITT) recommendation G.711.
• SPORT1 receive and transmit sections can generate unique
interrupts on completing a data word transfer.
• SPORT1 can receive and transmit an entire circular buffer of
data with only one overhead cycle per data word. An interrupt
is generated after a data buffer transfer.
• SPORT1 can be configured to have two external interrupts
(IRQ0 and IRQ1), and the Flag In and Flag Out signals.
The internally generated serial clock may still be used in this
configuration.
• SPORT1 has two data receive pins (DR1A and DR1B), which
are internally multiplexed onto the one DR1 port of the
SPORT1. The particular data receive pin selected is deter-
mined by a bit in the MODECTRL register.
PIN FUNCTION DESCRIPTION
The ADMC328 is available in a 28-lead SOIC package and a
28-lead PDIP package. Table I describes the pins.
Table I. Pin List
Group
# of
Input/
Name
Pins Output Function
RESET
1
I
Processor Reset Input
SPORT1
1
6
I/O
Serial Port 1 Pins (TFS1,
RFS1, DT1, DR1A, DR1B,
SCLK1)
CLKOUT
1
1
O
Processor Clock Output
CLKIN, XTAL
2
I, O
External Clock or Quartz
Crystal Connection Point
PIO0–PIO8
1
9
I/O
Digital I/O Port Pins
AUX0–AUX1
1
2
O
Auxiliary PWM Outputs
AH–CL
6
O
PWM Outputs
PWMTRIP
1
I
PWM Trip Signal
V1–V2
2
I
Analog Inputs
VAUX0–VAUX2 3
I
Auxiliary Analog Input
ISENSE
1
I
Current Sense Amplifier Input
ICONST
1
O
ADC Constant Current Source
VDD
1
Power Supply
GND
1
Ground
NOTE
1Multiplexed pins, selectable individually through the PIOSELECT and
PIODATA1 registers.
INTERRUPT OVERVIEW
The ADMC328 can respond to 16 different interrupt sources
with minimal overhead, five of which are internal DSP core
interrupts and 11 are from the motor control peripherals. The five
DSP core interrupts are SPORT1 receive (or IRQ0) and trans-
mit (or IRQ1), the internal timer, and two software interrupts.
The motor control peripheral interrupts are the nine program-
mable I/Os and two from the PWM (PWMSYNC pulse and
PWMTRIP). All motor control interrupts are multiplexed into the
DSP core through the peripheral IRQ2 interrupt. The interrupts
are internally prioritized and individually maskable. A detailed
description of the entire interrupt system of the ADMC328 is
presented later, following a more detailed description of each
peripheral block.
Memory Map
The ADMC328 has two distinct memory types: program memory
and data memory. In general, program memory contains user
code and coefficients, while the data memory is used to store
variables and data during program execution. Both program
memory RAM and ROM are provided on the ADMC328. Pro-
gram memory RAM is arranged as one contiguous 512
× 24-bit
block, starting at address 0x0000. Program memory ROM is a
4K
× 24-bit block located at address 0x0800. Data memory is
arranged as a 512
× 16-bit block starting at address 0x3800. The
motor control peripherals are memory mapped into a region of
the data memory space starting at 0x2000. The complete program
and data memory maps are given in Tables II and III, respectively.
Table II. Program Memory Map
Memory
Address Range
Type
Function
0x0000–0x002F
RAM
Interrupt Vector Table
0x0030–0x01FF
RAM
User Program Memory
0x0200–0x07FF
Reserved
0x0800–0x17FF
ROM
User Program Memory
0x1800–0x3FFF
Reserved
Table III. Data Memory Map
Memory
Address Range
Type
Function
0x0000–0x1FFF
Reserved
0x2000–0x20FF
Memory Mapped Registers
0x2100–0x37FF
Reserved
0x3800–0x39FF
RAM
User Data Memory
0x3A00–0x3BFF
RAM
Reserved
0x3C00–0x3FFF
Memory Mapped Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com