Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM231LAN Datasheet(PDF) 3 Page - Analog Devices

Part # ADM231LAN
Description  5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM231LAN Datasheet(HTML) 3 Page - Analog Devices

  ADM231LAN Datasheet HTML 1Page - Analog Devices ADM231LAN Datasheet HTML 2Page - Analog Devices ADM231LAN Datasheet HTML 3Page - Analog Devices ADM231LAN Datasheet HTML 4Page - Analog Devices ADM231LAN Datasheet HTML 5Page - Analog Devices ADM231LAN Datasheet HTML 6Page - Analog Devices ADM231LAN Datasheet HTML 7Page - Analog Devices ADM231LAN Datasheet HTML 8Page - Analog Devices ADM231LAN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM223/ADM230L–ADM241L
–3–
REV. 0
ORDERING GUIDE
Temperature
Package
Temperature
Package
Temperature
Package
Model
Range
Option*
Model
Range
Option*
Model
Range
Option*
ADM223
ADM230L
ADM231L
ADM223AR
–40
°C to +85°C
R-28
ADM230LJN
0
°C to +70°C
N-20
ADM231LJN
0
°C to +70°C
N-14
ADM223ARS
–40
°C to +85°C
RS-28
ADM230LJR
0
°C to +70°C
R-20
ADM231LJR
0
°C to +70°C
R-16
ADM230LAN
–40
°C to +85°C
N-20
ADM231LAN
–40
°C to +85°C N-14
ADM230LAR
–40
°C to +85°C
R-20
ADM231LAR
–40
°C to +85°C R-16
ADM230LAQ
–40
°C to +85°C
Q-20
ADM231LAQ
–40
°C to +85°C Q-14
ADM232L
ADM233L
ADM234L
ADM232LJN
0
°C to +70°C
N-16
ADM233LJN
0
°C to +70°C
N-20
ADM234LJN
0
°C to +70°C
N-16
ADM232LJR
0
°C to +70°C
R-16
ADM233LAN
–40
°C to +85°C
N-20
ADM234LJR
0
°C to +70°C
R-16
ADM232LAN
–40
°C to +85°C
N-16
ADM234LAN
–40
°C to +85°C N-16
ADM232LAR
–40
°C to +85°C
R-16
ADM234LAR
–40
°C to +85°C R-16
ADM232LAQ
–40
°C to +85°C
Q-16
ADM234LAQ
–40
°C to +85°C Q-16
ADM235L
ADM236L
ADM237L
ADM235LJN
0
°C to +70°C
N-24A
ADM236LJN
0
°C to +70°C
N-24
ADM237LJN
0
°C to +70°C
N-24
ADM235LAN
–40
°C to +85°C
N-24A
ADM236LJR
0
°C to +70°C
R-24
ADM237LJR
0
°C to +70°C
R-24
ADM235LAQ
–40
°C to +85°C
D-24
ADM236LAN
–40
°C to +85°C
N-24
ADM237LAN
–40
°C to +85°C N-24
ADM236LAR
–40
°C to +85°C
R-24
ADM237LAR
–40
°C to +85°C R-24
ADM236LAQ
–40
°C to +85°C
Q-24
ADM237LAQ
–40
°C to +85°C Q-24
ADM238L
ADM239L
ADM241L
ADM238LJN
0
°C to +70°C
N-24
ADM239LJN
0
°C to +70°C
N-24
ADM241LJR
0
°C to +70°C
R-28
ADM238LJR
0
°C to +70°C
R-24
ADM239LJR
0
°C to +70°C
R-24
ADM241LAR
–40
°C to +85°C R-28
ADM238LAN
–40
°C to +85°C
N-24
ADM239LAN
–40
°C to +85°C
N-24
ADM241LJRS
0
°C to +70°C
RS-28
ADM238LAR
–40
°C to +85°C
R-24
ADM239LAR
–40
°C to +85°C
R-24
ADM241LARS –40
°C to +85°C RS-28
ADM238LAQ
–40
°C to +85°C
Q-24
ADM239LAQ
–40
°C to +85°C
Q-24
*D = Ceramic DIP; N = Plastic DIP; Q = Cerdip; R = Small Outline IC (SOIC); RS = Small Shrink Outline Package (SSOP).
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADM223/ADM230L–ADM241L features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com