Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341-EVALKIT Datasheet(PDF) 21 Page - Analog Devices

Part # ADMCF341-EVALKIT
Description  DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341-EVALKIT Datasheet(HTML) 21 Page - Analog Devices

Back Button ADMCF341-EVALKIT Datasheet HTML 17Page - Analog Devices ADMCF341-EVALKIT Datasheet HTML 18Page - Analog Devices ADMCF341-EVALKIT Datasheet HTML 19Page - Analog Devices ADMCF341-EVALKIT Datasheet HTML 20Page - Analog Devices ADMCF341-EVALKIT Datasheet HTML 21Page - Analog Devices ADMCF341-EVALKIT Datasheet HTML 22Page - Analog Devices ADMCF341-EVALKIT Datasheet HTML 23Page - Analog Devices ADMCF341-EVALKIT Datasheet HTML 24Page - Analog Devices ADMCF341-EVALKIT Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
REV. 0
ADMCF341
–21–
in offset mode. In offset mode, the switching frequency of the
two signals on the AUX0 and AUX1 pins are identical and
controlled by AUXTM0 in a manner similar to that previously
described for independent mode. In addition, the on-times of
both the AUX0 and AUX1 signals are controlled by the AUXCH0
and AUXCH1 registers as before.
In this mode, however, the AUXTM1 register defines the offset
time from the rising edge of the signal on the AUX0 pin to that
on the AUX1 pin according to:
T
AUXTM
t
OFFSET
CK
=¥
+ ¥
21
()
1
For correct operation in this mode, the value written to the
AUXTM1 register must be less than the value written to the
AUXTM0 register. Typical auxiliary PWM waveforms in offset
mode are shown in Figure 18b. Again, duty cycles from 0% to
100% are possible in this mode.
In both operating modes, the resolution of the auxiliary PWM
system is 16 bits only at the minimum switching frequency
(AUXTM0 = AUXTM1 = 65,535 in independent mode,
AUXTM0 = 65,535 in offset mode). Obviously, as the switch-
ing frequency is increased, the resolution is reduced.
Values can be written to the auxiliary PWM registers at any
time. However, new duty cycle values written to the AUXCH0
and AUXCH1 registers only become effective at the start of the
next cycle. Writing to the AUXTM0 or AUXTM1 registers
causes the internal timers to be reset to 0 and new PWM cycles
to begin. By default following a reset, bit 8 of the MODECTRL
register is cleared, thus enabling offset mode. In addition, the
registers AUXTM0 and AUXTM1 default to 0xFFFF, corre-
sponding to the minimum switching frequency and zero offset.
The on-time registers AUXCH0 and AUXCH1 default to
0x0000.
AUXPWM
R1
R2
C1
C2
R1 = R2 = 13k
C1 = C2 = 10nF
Figure 17. Auxiliary PWM Output Filter
Auxiliary PWM Interface, Registers, and Pins
The registers of the auxiliary PWM system are summarized at
the end of the data sheet.
AUX0
AUX1
2
(AUXTM0 + 1)
2
(AUXTM1 + 1)
2
AUXCH1
2
AUXCH1
2
AUXCH0
Figure 18a. Typical Auxiliary PWM Signals
(All Times in Increments of tCK), Independent
Mode
AUX0
AUX1
2
(AUXTM0 + 1)
2
(AUXTM0 + 1)
2
AUXCH1
2
AUXCH0
2
(AUXTM1 + 1)
Figure 18b. Typical Auxiliary PWM Signals
(All Times in Increments of tCK), Offset Mode
WATCHDOG TIMER
The ADMCF341 incorporates a watchdog timer that can
perform a full reset of the DSP and motor control peripherals
in the event of software error. The watchdog timer is enabled by
writing a timeout value to the 16-bit WDTIMER register. The
timeout value represents the number of CLKIN cycles required
for the watchdog timer to count down to zero. When the watchdog
timer reaches zero, a full DSP core and motor control peripheral
reset is performed. In addition, bit 1 of the SYSSTAT register is
set so that after a watchdog reset, the ADMCF341 can determine
that the reset was due to the timeout of the watchdog timer and
was not an external reset. Following a watchdog reset, bit 1 of
the SYSSTAT register may be cleared by writing zero to the
WDTIMER register. This clears the status bit but does not
enable the watchdog timer.
On reset, the watchdog timer is disabled and is only enabled
when the first timeout value is written to the WDTIMER
register. To prevent the watchdog timer from timing out, the
user must write to the WDTIMER register at regular intervals
(shorter than the programmed WDTIMER period value). On
all but the first write to WDTIMER, the particular value written
to the register is unimportant, since writing to WDTIMER
simply reloads the first value written to this register.
PROGRAMMABLE DIGITAL INPUT/OUTPUT
The ADMCF341 has a nine-pin programmable digital input/
output (PIO) port (PORTA). The nine pins (PORTA0–
PORTA8) are multiplexed with other on-chip peripheral
functions, in accordance with Table IX. When configured as a
PIO, each of these nine pins can act as an input or output, or an
interrupt source.
The operating mode (PIO or alternate function) of pins PORTA0
to PORTA8 is controlled by the PORTA_SELECT register.
This 9-bit register has a bit for each input so that the mode of
each pin may be selected individually.
Bit 0 of PORTA_SELECT controls the operation of the
PORTA0 pin, bit 1 controls the PORTA1 pin, etc. Setting the
appropriate bit in the PORTA_SELECT register causes the
corresponding pin to be configured for PIO functionality.
Clearing the bit selects the alternate mode of the corresponding
pin. Following power-on reset, all bits of PORTA_SELECT
are set such that PIO functionality is selected. The second
alternate function of PORTA7 is selected by bit 14 of the
PORTA_SELECT register. The second alternate function of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com