Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1148 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1148
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1148 Datasheet(HTML) 1 Page - Analog Devices

  ADP1148 Datasheet HTML 1Page - Analog Devices ADP1148 Datasheet HTML 2Page - Analog Devices ADP1148 Datasheet HTML 3Page - Analog Devices ADP1148 Datasheet HTML 4Page - Analog Devices ADP1148 Datasheet HTML 5Page - Analog Devices ADP1148 Datasheet HTML 6Page - Analog Devices ADP1148 Datasheet HTML 7Page - Analog Devices ADP1148 Datasheet HTML 8Page - Analog Devices ADP1148 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP1148, ADP1148-3.3, ADP1148-5
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997
High Efficiency Synchronous
Step-Down Switching Regulators
FUNCTIONAL BLOCK DIAGRAM
Q
R
S
VTH1
VIN
SENSE(–)
VTH2
1.25V
OFF-TIME
CONTROL
100k
13k
B
VIN P-DRIVE
SENSE(+)
SENSE(–)
G
4
6
CT
ITH
SHUTDOWN
8
1
3
ADP1148
10mV to
150mV
C
VFB
INT VCC
REFERENCE
5
10
T
N-DRIVE
PWR
GND
14
12
ADJUSTABLE
VERSION
VFB
9
7
S
1
Q
R
S
2
V
SLEEP
SIGNAL
GND
11
NON-OVERLAP
DRIVE
FEATURES
Operation From 3.5 V to 18 V Input Voltage
Ultrahigh Efficiency > 95%
Low Shutdown Current
Current Mode Operation for Excellent Line and Load
Transient Response
High Efficiency Maintained Over Wide Current Range
Logic Controlled Micropower Shutdown
Short Circuit Protection
Very Low Dropout Operation
Synchronous FET Switching for High Efficiency
Adaptive Nonoverlap Gate Drives
APPLICATIONS
Notebook and Palmtop Computers
Portable Instruments
Battery Operated Digital Devices
Industrial Power Distribution
Avionics Systems
Telecom Power Supplies
GPS Systems
Cellular Telephones
GENERAL DESCRIPTION
The ADP1148 is part of a family of synchronous step-down
switching regulator controllers featuring automatic sleep mode
to maintain high efficiencies at low output currents. These
devices drive external complementary power MOSFETs at
switching frequencies up to 250 kHz using a constant off-time
current-mode architecture.
VIN
INT VCC
ITH
CT
S-GND
P-DRIVE
SENSE(+)
SENSE(–)
SHUTDOWN
N-DRIVE
P-GND
ADP1148
+
+
P-CH
IRF7204
N-CH
IRF7403
1000pF
CT
470pF
RC
1k
CC
3300pF
C1
10BQ040
L*
62 H
RSENSE**
0.05
+COUT
390 F
CIN
100 F
VIN (5.2V TO 18V)
1 F
10nF
0V = NORMAL
>1.5V = SHUTDOWN
*COILTRONICS CTX-68-4
**KRL SL-1-C1-0R050L
VOUT
5V/2A
Figure 1. High Efficiency Step-Down Converter
Figure 2. ADP1148-5 Typical Efficiency
The constant off-time architecture maintains constant ripple
current in the inductor, easing the design of wide input range
converters. Current-mode operation provides excellent line and
load transient response. The operating current level is user
programmable via an external current sense resistor.
The ADP1148 incorporates automatic Power Saving Sleep
Mode operation when load currents drop below the level re-
quired for continuous operation. In sleep mode, standby power
is reduced to only about 2 mW at VIN = 10 V. In shutdown,
both MOSFETs are turned off.
TYPICAL APPLICATIONS
LOAD CURRENT – A
100
85
70
0.02
2
95
90
80
75
0.2
VIN = 6V
VIN = 10V
FIGURE 1 CIRCUIT


Similar Part No. - ADP1148

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1148 AD-ADP1148_15 Datasheet
796Kb / 16P
High Efficiency Synchronous Step-Down Switching Regulators
REV. A
More results

Similar Description - ADP1148

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_01 Datasheet
280Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com