Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0472002.MAT1L Datasheet(PDF) 3 Page - Littelfuse

Part # 0472002.MAT1L
Description  Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 472 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0472002.MAT1L Datasheet(HTML) 3 Page - Littelfuse

  0472002.MAT1L Datasheet HTML 1Page - Littelfuse 0472002.MAT1L Datasheet HTML 2Page - Littelfuse 0472002.MAT1L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
217
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
472 Series
Please refer to www.littelfuse.com/series/472.html for current information.
PICO® ll > Time-Lag > 472 Series
Material
Body: Ceramic
Leads: Tin-coated Copper
Encapsulated: Epoxy-Coated Body
Product Marking
Body: Brand Logo, Current Rating,
T (time Lag fuse)
Solderability
MIL-STD-202, Method 208
Lead Pull Force
MIL-STD-202, Method 211, Test Condition
A (will Withstand a 7lbs. Axial pull test)
Product Characteristics
Operating
Temperature
–55ºC to +125ºC with proper de–rating
Thermal Shock
MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds)
Vibration
MIL-STD-202, Method 201 (10-55 Hz); Method
204, Test Condition C (55-2000 Hz at 10 G’s
Peak)
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
*T1: 52.4mm (2.062”)
Tape and Reel
EIA 296
Refer to the tables in
Part Numbering System above
F
L
1 A
T 2A
27.78
(1.094")
27.78
(1.094")
7.11 (.280")
62.7 (2.468")
52.4 (2.062")*
472 series markings
0.64 (.025")
2.80 (.11")
6.35 (.25")
tape
5.0 (.197")
6.35 (.25")
tape
Drawing ES-001148
Coating Diameter (max): 0.5A-3.0A: 2.80mm
5.0A: 2.90mm
0472 xxxx N R T1 L
RoHS + HF
Lead Length
Type of Packaging
Quantity
Current Rating
Series
T1: 52.4mm (2.062”)*
R = Reel
A = Ammo Pack
X = Loose Pack
N = 5000
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table
Notes: * T1 dimension is defined as the length of the component between the two tapes. The full component length is 62.7mm (2.468").



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com