Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0472003.MAT1L Datasheet(PDF) 1 Page - Littelfuse

Part # 0472003.MAT1L
Description  Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 472 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0472003.MAT1L Datasheet(HTML) 1 Page - Littelfuse

  0472003.MAT1L Datasheet HTML 1Page - Littelfuse 0472003.MAT1L Datasheet HTML 2Page - Littelfuse 0472003.MAT1L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
215
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
472 Series
Please refer to www.littelfuse.com/series/472.html for current information.
PICO® ll > Time-Lag > 472 Series
472 Series, PICO® II,Time-Lag Fuse
Description
The 472 Series PICO® II, 125V rated time-Lag fuse is
designed for applications that require moderate in-rush
withstand and is in a space-saving subminature package.
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
500mA - 5A
Features
Electrical Characteristics
Applications
% of Ampere
Rating
OpeningTime
100%
4 Hours, Min.
200%
120 Seconds, Max.
Ampere Rating
(A)
Amp Code
Max
Voltage Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal Melting
I2t (A2 sec)
Agency
Approvals
.500
.500
125
50 amperes at
125 VAC and VDC
0.174
0.1927
x
1.00
001.
125
0.078
0.9384
x
1.50
01.5
125
0.039
2.4081
x
2.00
002.
125
0.027
4.2363
x
2.50
02.5
125
0.0209
7.0838
x
3.00
003.
125
0.0187
9.3600
x
5.00
005.
125
0.0084
45.9000
x
Electrical Characteristics
• Moderate in–rush
withstand
• Small size
• Wide range of current
ratings available
(500mA to 5A)
• RoHS compliant
• Wide operating
temperature range
• Low temperature
de-rating
• Flat–panel display TV
• Lighting
• Game Console
• Power Supply
• Audio/Video
Equipment
Revised: July 28, 2011


Similar Part No. - 0472003.MAT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0472003.MRT1L LITTELFUSE-0472003.MRT1L Datasheet
446Kb / 3P
Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 472 Series
0472003.MXL LITTELFUSE-0472003.MXL Datasheet
51Kb / 1P
PICO짰 II Time Lag Fuse 472 Series
More results

Similar Description - 0472003.MAT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0472.500MAT1L LITTELFUSE-0472.500MAT1L Datasheet
446Kb / 3P
Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 472 Series
047201.5MRT1HFV LITTELFUSE-047201.5MRT1HFV Datasheet
446Kb / 3P
Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 472 Series
047202.5MAT1L LITTELFUSE-047202.5MAT1L Datasheet
446Kb / 3P
Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 472 Series
0471003.NAT6L LITTELFUSE-0471003.NAT6L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series
0472001.MAT1L LITTELFUSE-0472001.MAT1L Datasheet
446Kb / 3P
Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 472 Series
0472001.NRT1L LITTELFUSE-0472001.NRT1L Datasheet
446Kb / 3P
Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 472 Series
0472003.MRT1L LITTELFUSE-0472003.MRT1L Datasheet
446Kb / 3P
Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 472 Series
0472005.MAT1L LITTELFUSE-0472005.MAT1L Datasheet
446Kb / 3P
Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 472 Series
0472005.MRT1L LITTELFUSE-0472005.MRT1L Datasheet
446Kb / 3P
Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 472 Series
0472005.NRT1L LITTELFUSE-0472005.NRT1L Datasheet
446Kb / 3P
Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 472 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com