Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2761007111 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2761007111
Description  61 BEAD ON LEAD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2761007111 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2761007111 Datasheet HTML 1Page - Fair-Rite Products Corp. 2761007111 Datasheet HTML 2Page - Fair-Rite Products Corp. 2761007111 Datasheet HTML 3Page - Fair-Rite Products Corp. 2761007111 Datasheet HTML 4Page - Fair-Rite Products Corp. 2761007111 Datasheet HTML 5Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Fair-Rite Products Corp. PO Box J,One Commercial Row, Wallkill, NY 12589-0288
Phone: (888) 324-7748 www.fair-rite.com
Fair-Rite Product's Catalog
Part Data Sheet, 2761007111
Printed: 2010-11-09
Part Number:
2761007111
Frequency Range: Higher Frequencies 250-1000 MHz (61 material)
Description:
61 BEAD ON LEAD
Application:
Suppression Components
Where Used:
Board Component
Part Type:
Beads-on-Leads
Mechanical Specifications
Weight:
.600
(g)
Part Type Information
Ferrite suppression beads are supplied assembled on tinned copper wire for automated circuit board assembly.
-Parts with a '2' as the last digit of the part number are supplied taped and reeled per IEC 60286-1 and EIA
RS-296-F standards. Taped and reeled parts are supplied 4500 pieces on a 14'' reel. Taping details: Component
pitch 5 mm. Inside tape spacing 52.5 mm. Tape width 6 mm.
-Beads-on-leads can be supplied bulk packed. The last digit of bulk packed parts is a '1'.
-Wires are oxygen free high conductivity copper with a lead-free tin coating. The resistance of the wire is 3.5 mOhm
for the 22 AWG and 2.2 mOhm for the 20 AWG wire.
-Beads-on-leads are controlled for impedances only. The impedances listed are typical values. Minimum impedance values
are specified for the + marked frequencies. The minimum guaranteed impedance is the listed impedance less 20%. The
impedances of the 73 & 43 beads-on-leads are measured on the 4193A Vector Impedance Analyzer. The 61 beads-on-leads
are tested for impedance on the 4191A RF Impedance Analyzer.
-Preferred beads-on-leads are the suggested choice for new designs. Samples are readily available and orders have
typically shorter lead times than other beads-on-leads. For any bead-on lead requirement not listed here, feel free
to contact our customer service group for availability and pricing.
-Our 'Bead-on-Lead Suppression Kit' (part number 0199000028) is available for prototype evaluation.
-Explanation of Part Numbers: Digits 1&2 = product class, 3&4 = material grade and last digit 1 = bulk packed,
2 = taped and reeled.


Similar Part No. - 2761007111

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2761007111 FAIR-RITE-2761007111 Datasheet
1Mb / 2P
Beads- on- Leads
2761007111 FAIR-RITE-2761007111_18 Datasheet
1Mb / 2P
Beads- on- Leads
More results

Similar Description - 2761007111

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2761001111 FAIR-RITE-2761001111 Datasheet
582Kb / 5P
61 BEAD ON LEAD
2761001112 FAIR-RITE-2761001112 Datasheet
613Kb / 5P
61 BEAD ON LEAD
2761002112 FAIR-RITE-2761002112 Datasheet
621Kb / 5P
61 BEAD ON LEAD
2761004111 FAIR-RITE-2761004111 Datasheet
582Kb / 5P
61 BEAD ON LEAD
2761004112 FAIR-RITE-2761004112 Datasheet
621Kb / 5P
61 BEAD ON LEAD
2761007112 FAIR-RITE-2761007112 Datasheet
617Kb / 5P
61 BEAD ON LEAD
2761008111 FAIR-RITE-2761008111 Datasheet
581Kb / 5P
61 BEAD ON LEAD
2761008112 FAIR-RITE-2761008112 Datasheet
618Kb / 5P
61 BEAD ON LEAD
2761009111 FAIR-RITE-2761009111 Datasheet
583Kb / 5P
61 BEAD ON LEAD
2761009112 FAIR-RITE-2761009112 Datasheet
620Kb / 5P
61 BEAD ON LEAD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com