Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3203 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3203
Description  2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3203 Datasheet(HTML) 3 Page - Analog Devices

  ADP3203 Datasheet HTML 1Page - Analog Devices ADP3203 Datasheet HTML 2Page - Analog Devices ADP3203 Datasheet HTML 3Page - Analog Devices ADP3203 Datasheet HTML 4Page - Analog Devices ADP3203 Datasheet HTML 5Page - Analog Devices ADP3203 Datasheet HTML 6Page - Analog Devices ADP3203 Datasheet HTML 7Page - Analog Devices ADP3203 Datasheet HTML 8Page - Analog Devices ADP3203 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADP3203
REV. PrD
–3–
PRELIMINARY TECHNICAL DATA
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
CORE COMPARATOR
Input Offset Voltage (Ramp-Reg)
V
COREOS
V
REG = 1.25 V
±1.5
mV
Input Bias Current
I
REG, IRAMP
V
REG = VRAMP = 1.25 V
±1
µA
Output Voltage (OUT1,OUT2)
V
OUT_H
V
CC = 3.0 V
2.5
3.0
V
V
OUT_L
V
CC = 3.6 V
0
0.8
V
Propagation Delay Time
2
t
RMPOUT_PD
4
T
A = 25°C
30
ns
T
A = Full Range
40
ns
Rise and Fall Time
2
t
OUT_R
5
710
ns
t
OUT_F
5
710
ns
Noise Blanking Time
2
t
BLNK
OUT L-H Transition
80
ns
OUT H-L Transition
120
ns
CURRENT LIMIT
COMPARATOR
Input Offset Voltage
V
CLIMOS
V
CS- = 1.25 V
±4
±6
mV
Input Bias Current
I
CS+, ICS-
V
CS+ = 1.25 V
–5
–
3
µA
Propagation Delay Time2
t
CLPD
4
T
A = 25° C
30
60
ns
T
A = Full Range
50
100
ns
CURRENT SENSE MULTIPLEXER
Trans-Resistance
R
CS1-CS+,
Switch is ON
150
Ω
R
CS2-CS+
Switch is OFF
100
M
Ω
Common Mode Voltage Range
7
V
CS1 = VCS2
02
V
HYSTERESIS SETTING
Hysteresis Current
I
RAMP_H,
V
REG = 1.25 V
-I
CSP_H
V
RAMP = 1.23 V,BOM=H
I
HYSSET = 10 µA
–8
–10
–12
µA
I
HYSSET = 100 µA
–80
–100
–120
µA
V
RAMP = 1.27 V, BOM = H
I
HYSSET = 10 µΑ
810
12
µΑ
I
HYSSET =
100
µΑ
80
100
120
µΑ
V
RAMP = 1.23 V, BOM = L
I
HYSSET = 10 µΑ
–6.4
–8
–9.6
µΑ
I
HYSSET = 100 µΑ
–64
–80
–96
µΑ
V
RAMP = 1.27 V, BOM = L
I
HYSSET = 10 µΑ
64
8
96
µΑ
I
HYSSET = 100 µΑ
64
80
96
µA
Hysteresis Reference Voltage
V
HYSSET
1.53
1.7
1.87
V
CURRENT LIMIT SETTING
Hysteresis Current
I
CS–
V
RAMP = 1.23 V
V
REG = VCS– = VCOREFB = 1.25 V
V
CS+ = 1.23 V BOM = H
I
HYSSET = 10 µΑ
–27
–31.5
–36
µA
I
HYSSET = 100 µΑ
–268
–301.5
–335
µA
V
CS+ = 1.27 V, BOM = H
I
HYSSET = 10 µΑ
–18
–21.5
–25
µA
I
HYSSET = 100 µΑ
–178
–201.5
–225
µA
V
CS+ = 1.23 V, BOM = L
I
HYSSET = 10 µΑ
–21
–25.5
–30
µA
I
HYSSET = 100 µΑ
–212
–241.5
–271
µA
V
CS+ = 1.27 V, BOM = L
I
HYSSET = 10 µΑ
–14
–17.5
–21
µA
I
HYSSET = 100 µΑ
–140
–161.5
–183
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com