Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3300 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3300
Description  High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3300 Datasheet(HTML) 2 Page - Analog Devices

  ADP3300 Datasheet HTML 1Page - Analog Devices ADP3300 Datasheet HTML 2Page - Analog Devices ADP3300 Datasheet HTML 3Page - Analog Devices ADP3300 Datasheet HTML 4Page - Analog Devices ADP3300 Datasheet HTML 5Page - Analog Devices ADP3300 Datasheet HTML 6Page - Analog Devices ADP3300 Datasheet HTML 7Page - Analog Devices ADP3300 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. A
ADP3300–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT VOLTAGE
VOUT
VIN = VOUT(NOM) +0.3 V to 12 V
ACCURACY
IL = 0.1 mA to 50 mA
TA = +25
°C
–0.8
+0.8
%
VIN = VOUT(NOM) +0.3 V to 12 V
IL = 0.1 mA to 50 mA
–1.4
+1.4
%
LINE REGULATION
∆VO
VIN = VOUT(NOM) +0.3 V to 12 V
∆V
IN
TA = +25
°C
0.02
mV/V
LOAD REGULATION
∆V
O
IL = 0.1 mA to 50 mA
∆IL
TA = +25
°C
0.06
mV/mA
GROUND CURRENT
IGND
IL = 50 mA
0.55
1.7
mA
IL = 0.1 mA
0.19
0.3
mA
GROUND CURRENT
IGND
VIN = 2.5 V
IN DROPOUT
IL = 0.1 mA
0.6
1.2
mA
DROPOUT VOLTAGE
VDROP
VOUT = 98% of VOUT(NOM)
IL = 50 mA
0.08
0.17
V
IL = 10 mA
0.025
0.07
V
IL = 1 mA
0.004
0.03
V
SHUTDOWN THRESHOLD
VTHSD
ON
2.0
0.75
V
OFF
0.75
0.3
V
SHUTDOWN PIN
ISDIN
0 < VSD
≤ 5 V
1
µA
INPUT CURRENT
5 < VSD
≤ 12 V @ VIN = 12 V
22
µA
GROUND CURRENT IN
IQ
VSD = 0, VIN = 12 V
SHUTDOWN MODE
TA = +25
°C
0.005
1
µA
VSD = 0, VIN = 12 V
TA = +85
°C0.01
3
µA
OUTPUT CURRENT IN
IOSD
TA = +25
°C @ V
IN = 12 V
2
µA
SHUTDOWN MODE
TA = +85
°C @ VIN = 12 V
4
µA
ERROR PIN OUTPUT
LEAKAGE
IEL
VEO = 5 V
13
µA
ERROR PIN OUTPUT
“LOW” VOLTAGE
VEOL
ISINK = 400
µA
0.12
0.3
V
PEAK LOAD CURRENT
ILDPK
VIN = VOUT(NOM) + 1 V
100
mA
OUTPUT NOISE
VNOISE
f = 10 Hz–100 kHz
@ 5 V OUTPUT
CNR = 0
100
µV rms
CNR = 10 nF, CL = 10
µF30
µV rms
NOTE
Ambient temperature of +85
°C corresponds to a typical junction temperature of +125°C under typical full load test conditions.
Specifications subject to change without notice.
(@ TA = –40 C to +85 C, VIN = 7 V, CIN = 0.47 F, COUT = 0.47 F, unless otherwise
noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com