Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3301 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3301
Description  High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3301 Datasheet(HTML) 4 Page - Analog Devices

  ADP3301 Datasheet HTML 1Page - Analog Devices ADP3301 Datasheet HTML 2Page - Analog Devices ADP3301 Datasheet HTML 3Page - Analog Devices ADP3301 Datasheet HTML 4Page - Analog Devices ADP3301 Datasheet HTML 5Page - Analog Devices ADP3301 Datasheet HTML 6Page - Analog Devices ADP3301 Datasheet HTML 7Page - Analog Devices ADP3301 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADP3301
–4–
REV. 0
–Typical Performance Characteristics
INPUT VOLTAGE – Volts
5.0003
4.9985
4.9979
5.2
6
7
8
9
1011 1213 14
15 16
5.0000
4.9988
4.9982
4.9997
4.9994
4.9991
VOUT = 5V
IL = 100mA
IL = 50mA
IL = 10mA
IL = 0mA
Figure 2. Line Regulation: Output
Voltage vs. Input Voltage
OUTPUT LOAD – mA
370
0
10
100
20
30
40 50
60
70 80
90
970
470
270
170
670
570
870
770
IL = 0 TO 100mA
Figure 5. Quiescent Current vs. Load
Current
OUTPUT LOAD – mA
200
160
0
0
20
200
40
60
80 100 120 140 160 180
120
80
40
Figure 8. Dropout Voltage vs. Output
Current
OUTPUT LOAD – mA
5.00075
0
20
200
40
60
80 100 120 140 160 180
4.99925
4.99550
4.99850
4.99700
4.99775
4.99625
VOUT = 5V
VIN = 7V
5.00000
Figure 3. Output Voltage vs. Load
Current Up to 200 mA
TEMPERATURE –
°C
0.2
–0.4
–45 –25
135
–5
15
35
75
95
115
55
0.1
0.0
–0.1
–0.2
–0.3
IL = 0
Figure 6. Output Voltage Variation %
vs. Temperature
INPUT VOLTAGE – Volts
5
0
03
0
43
2
4
2
1
3
2
11
RL = 33Ω
VOUT = 3.3V
Figure 9. Power-Up/Power-Down
INPUT VOLTAGE – Volts
1.0
0.3
0
1.2
12
2.4 3.6 4.8
6
7.2 8.4 9.6 10.8
0.9
0.4
0.2
0.1
0.6
0.5
0.8
0.7
0
VOUT = 5V
IL = 0
Figure 4. Quiescent Current vs. Sup-
ply Voltage
TEMPERATURE –
°C
1400
600
0
–45 –25 –15
5
25
45
65
85 105
1200
1000
400
200
800
125
IL = 100mA
IL = 0
Figure 7. Quiescent Current vs.
Temperature
TIME – µs
0
0
100
200
2.0
SD = VIN OR 3V
RL = 33Ω ÷ 3.3kΩ
CL = 0.47µF
VOUT = 3.3V
1.0
3.0
4.0
5.0
6.0
7.0
8.0
20
40 60
80
120 140 160 180
VIN
VOUT
Figure 10. Power-Up Overshoot



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com