Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3302 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3302
Description  High Precision anyCAP??Dual Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3302 Datasheet(HTML) 3 Page - Analog Devices

  ADP3302 Datasheet HTML 1Page - Analog Devices ADP3302 Datasheet HTML 2Page - Analog Devices ADP3302 Datasheet HTML 3Page - Analog Devices ADP3302 Datasheet HTML 4Page - Analog Devices ADP3302 Datasheet HTML 5Page - Analog Devices ADP3302 Datasheet HTML 6Page - Analog Devices ADP3302 Datasheet HTML 7Page - Analog Devices ADP3302 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–3–
REV. 0
ADP3302
ADP3302-3.2–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT VOLTAGE
VOUT1 or
VIN = 3.5 V to 12 V
3.174
3.2
3.226
V
VOUT2
IL = 0.1 mA to 100 mA
TA= +25°C
VIN = 3.5 V to 12 V
3.155
3.2
3.245
V
IL = 0.1 mA to 100 mA
LINE REGULATION
VIN = 3.5 V to 12 V
0.026
mV/V
TA = +25
°C, I
L = 0.1 mA
LOAD REGULATION
IL = 0.1 mA to 100 mA
0.032
mV/mA
TA = +25
°C
CROSS REGULATION
IL = 0.1 mA to 100 mA
1
µV/mA
TA = +25°C
or
Specifications subject to change without notice.
ADP3302-3.3–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT VOLTAGE
VOUT1 or
VIN = 3.6 V to 12 V
3.273
3.3
3.327
V
VOUT2
IL = 0.1 mA to 100 mA
TA= +25°C
VIN = 3.6 V to 12 V
3.253
3.3
3.347
V
IL = 0.1 mA to 100 mA
LINE REGULATION
VIN = 3.6 V to 12 V
0.026
mV/V
TA = +25°C, IL = 0.1 mA
LOAD REGULATION
IL = 0.1 mA to 100 mA
0.033
mV/mA
TA = +25
°C
CROSS REGULATION
IL = 0.1 mA to 100 mA
1
µV/mA
TA = +25
°C
or
Specifications subject to change without notice.
ADP3302-5.0–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT VOLTAGE
VOUT1 or
VIN = 5.3 V to 12 V
4.960
5.0
5.040
V
VOUT2
IL = 0.1 mA to 100 mA
TA= +25
°C
VIN = 5.3 V to 12 V
4.930
5.0
5.070
V
IL = 0.1 mA to 100 mA
LINE REGULATION
VIN = 5.3 V to 12 V
0.04
mV/V
TA = +25
°C, I
L = 0.1 mA
LOAD REGULATION
IL = 0.1 mA to 100 mA
0.05
mV/mA
TA = +25°C
CROSS REGULATION
IL = 0.1 mA to 100 mA
1
µV/mA
TA = +25
°C
or
Specifications subject to change without notice.
(@ TA = –20 C to +85 C, VIN = 3.5 V, CIN = 0.47 F, COUT = 0.47 F, unless
otherwise noted)
∆V
O
∆V
IN
∆V
O
∆I
L
∆V
01
∆I
L2
∆V
02
∆I
L1
∆V
O
∆V
IN
∆V
O
∆I
L
∆V
01
∆I
L2
∆V
02
∆I
L1
(@ TA = –20 C to +85 C, VIN = 3.6 V, CIN = 0.47 F, COUT = 0.47 F, unless
otherwise noted)
∆V
O
∆V
IN
∆V
O
∆I
L
∆V
01
∆I
L2
∆V
02
∆I
L1
(@ TA = –20 C to +85 C, VIN = 5.3 V, CIN = 0.47 F, COUT = 0.47 F, unless
otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com