Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF18 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SF18
Description  SUPERFAST RECOVERY RECTIFIERS Reverse Voltage ??50 to 600 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SF18 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SF18 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SF18 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF11~SF18
Forward Current – 1.0 Ampere
SUPERFAST RECOVERY RECTIFIERS
Reverse Voltage – 50 to 600 Volts
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0.
• High surge capability
• Low forward voltage, high current capability
• Hermetically sealed
• Super-fast recovery times
• Low leakage
Mechanical Data
• Case: DO-41 molded plastic
• Terminals: Axial Leads, solderable per MIL-STD-202,
method 208 guaranteed
• Polarity: Colored band denotes cathode end
• Mounting position: Any
Absolute Maximum Ratings and Characteristics
Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive
load, for capacitive load, derate current by 20%.
Symbols
SF11
SF12
SF13
SF14
SF15
SF16
SF18
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Maximum Average Forward Rectified Current
0.375” (9.5mm) Lead Length at TA = 55℃
I(AV)
1.0
A
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
30
A
Maximum Forward Voltage at 1.0A
VF
0.95
1.25
1.7
V
Maximum Reverse Current
at Rated DC Blocking Voltage
Ta = 25℃
Ta = 100℃
IR
5.0
500
uA
Maximum Reverse Recovery Time (note1)
TRR
35
50
nS
Typical Junction Capacitance(note2)
CJ
50
25
pF
Typical Thermal Resistance(note3)
RθJA
50
OC/W
Operating Junction Temperature
TJ
-55 to +150
OC
Storage Temperature Range
Ts
-55 to +150
OC
Notes: 1.Reverse recovery test conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2.Measured at 1.0MHz and applied reverse voltage of 4.0V
3.Thermal resistance from junction to ambient 0.375” (9.5mm) lead length P.C.B mounted.
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD.     WWW.SDDZG.COM  TEL:0536-2210359
1


Similar Part No. - SF18

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF18 MOSPEC-SF18 Datasheet
141Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
logo
Bytes
SF18 BYTES-SF18 Datasheet
161Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF18 DCCOM-SF18 Datasheet
466Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
EIC discrete Semiconduc...
SF18 EIC-SF18 Datasheet
47Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Formosa MS
SF18 FORMOSA-SF18 Datasheet
64Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF18

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1E1 PANJIT-1E1 Datasheet
57Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100 PANJIT-ER100 Datasheet
64Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100S PANJIT-ER100S Datasheet
64Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER200 PANJIT-ER200 Datasheet
67Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
ER300 PANJIT-ER300 Datasheet
66Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Amperes)
ER500 PANJIT-ER500 Datasheet
62Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Amperes)
ED302T PANJIT-ED302T_03 Datasheet
44Kb / 2P
SUPERFAST RECOVERY RECTIFIERS VOLTAGE- 200 to 600 Volts CURRENT - 3.0 Amperes
ED302YT PANJIT-ED302YT_03 Datasheet
44Kb / 2P
SUPERFAST RECOVERY RECTIFIERS VOLTAGE- 200 to 600 Volts CURRENT - 3.0 Amperes
ED502T PANJIT-ED502T_03 Datasheet
46Kb / 2P
SUPERFAST RECOVERY RECTIFIERS VOLTAGE- 200 to 600 Volts CURRENT - 5.0 Amperes
logo
GOOD-ARK Electronics
1N4933 GOOD-ARK-1N4933_15 Datasheet
200Kb / 2P
Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com