Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3301 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3301
Description  High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3301 Datasheet(HTML) 2 Page - Analog Devices

  ADP3301 Datasheet HTML 1Page - Analog Devices ADP3301 Datasheet HTML 2Page - Analog Devices ADP3301 Datasheet HTML 3Page - Analog Devices ADP3301 Datasheet HTML 4Page - Analog Devices ADP3301 Datasheet HTML 5Page - Analog Devices ADP3301 Datasheet HTML 6Page - Analog Devices ADP3301 Datasheet HTML 7Page - Analog Devices ADP3301 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. A
(@ TA = –20 C to +85 C, VIN = 7 V, CIN = 0.47 F, COUT = 1 F, unless otherwise
noted)1
ADP3303A–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT VOLTAGE
2, 3, 4
VOUT
VIN = Nom VOUT +0.5 V to +12 V
ACCURACY
IL = 1.0 mA to 200 mA
TA = +25°C
–0.8
+0.8
%
VIN = Nom VOUT +0.5 V to +12 V
IL = 1.0 mA to 200 mA
–1.4
+1.4
%
LINE REGULATION
∆V
O
VIN = Nom VOUT +0.5 V to +12 V
∆V
IN
TA = +25°C
0.01
mV/V
LOAD REGULATION
∆V
O
IL = 1.0 mA to 200 mA
∆I
L
TA = +25°C
0.005
mV/mA
GROUND CURRENT5
IGND
IL = 200 mA
2.0
4
mA
IL = 1.0 mA
0.35
0.6
mA
GROUND CURRENT
5
IGND
VIN = 2.5 V, VOUT = 5.0 V
IN DROPOUT
IL = 1.0 mA
1.9
3.0
mA
DROPOUT VOLTAGE
VDROP
VOUT ≤ 98% of VO Nominal
IL = 200 mA
0.15
0.4
V
IL = 10 mA
0.02
0.07
V
IL = 1 mA
0.003
0.03
V
SHUTDOWN THRESHOLD
VTHSD
ON
2.0
0.9
V
OFF
0.9
0.3
V
SHUTDOWN PIN
ISDIN
0 V < VSD ≤ 5 V
1
µA
INPUT CURRENT
5 V
≤ VSD ≤ 12 V @ V
IN = 12 V
22
µA
GROUND CURRENT IN
5
IQ
VSD = 0, VIN = 12 V
SHUTDOWN MODE
TA = +25°C1
µA
VSD = 0 V, VIN = 12 V
TA = +85°C5
µA
OUTPUT CURRENT IN
IOSD
TA = +25°C @ VIN = 12 V
2.5
µA
SHUTDOWN MODE
TA = +85°C @ VIN = 12 V
4
µA
ERROR PIN OUTPUT
LEAKAGE
IEL
VEO = 5 V
13
µA
ERROR PIN OUTPUT
“LOW” VOLTAGE
VEOL
ISINK = 400 µA
0.15
0.3
V
PEAK LOAD CURRENT
ILDPK
VIN = Nom VOUT + 1 V
300
mA
OUTPUT NOISE
VNOISE
f = 10 Hz–100 kHz
@ 5 V OUTPUT
CNR = 0
100
µV rms
CNR = 10 nF, CL = 10 µF30
µV rms
NOTES
1Ambient temperature of +85
°C corresponds to a typical junction temperature of +125°C under typical full load test conditions. The formula for Nom V
OUT
is found
in the Output Voltage Selection section.
2Accuracy guaranteed using external trim pots.
3For 2.7 V output, the minimum V
IN is 3.2 V.
4Guaranteed by design and characterization.
5Ground currents include the current through R1, R2.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com