Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6424 Datasheet(PDF) 1 Page - ebm-papst

Part # 6424
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

6424 Datasheet(HTML) 1 Page - ebm-papst

  6424 Datasheet HTML 1Page - ebm-papst 6424 Datasheet HTML 2Page - ebm-papst 6424 Datasheet HTML 3Page - ebm-papst 6424 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC axial compact fan
6424
ebm-papst St. Georgen GmbH & Co. KG
Hermann-Papst-Straße 1
D-78112 St. Georgen
Phone +49 7724 81-0
Fax +49 7724 81-1309
info2@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
6424
Nominal voltage
VDC
24
Nominal voltage range
VDC
12 .. 28
Speed
min-1
3400
Power input
W
18.0
Min. ambient temperature
°C
-20
Max. ambient temperature
°C
72
Air flow
m3/h
410
Sound power level
B
6.4
Sound pressure level
dB(A)
57
ml = max. load · me = max. efficiency · fa = running at free air · cs = customer specs · cu = customer unit
Subject to alterations
Web data sheet XI · Page 1 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - 6424

ManufacturerPart #DatasheetDescription
logo
ebm-papst
6424 EBMPAPST-6424 Datasheet
122Kb / 1P
DC axial fans
logo
Alpha Wire
6424 ALPHAWIRE-6424 Datasheet
412Kb / 5P
22 (7/30) AWG Tinned Copper
logo
Schurter Inc.
6424.0051.10 SCHURTER-6424.0051.10 Datasheet
662Kb / 5P
IEC Appliance Inlet C14 with modular extended Components
6424.0051.10 SCHURTER-6424.0051.10 Datasheet
584Kb / 7P
IEC Appliance Inlet C14 with modular extended Components
6424.0051.12 SCHURTER-6424.0051.12 Datasheet
662Kb / 5P
IEC Appliance Inlet C14 with modular extended Components
More results

Similar Description - 6424

ManufacturerPart #DatasheetDescription
logo
ebm-papst
252N EBMPAPST-252N Datasheet
282Kb / 3P
DC axial compact fan
255H EBMPAPST-255H Datasheet
289Kb / 4P
DC axial compact fan
412 EBMPAPST-412 Datasheet
311Kb / 4P
DC axial compact fan
414J EBMPAPST-414J Datasheet
314Kb / 4P
DC axial compact fan
3212JH EBMPAPST-3212JH Datasheet
523Kb / 4P
DC axial compact fan
3214JH4 EBMPAPST-3214JH4 Datasheet
523Kb / 4P
DC axial compact fan
3314 EBMPAPST-3314 Datasheet
301Kb / 4P
DC axial compact fan
3314G EBMPAPST-3314G Datasheet
302Kb / 4P
DC axial compact fan
3412NGH EBMPAPST-3412NGH Datasheet
285Kb / 4P
DC axial compact fan
3412NGV EBMPAPST-3412NGV Datasheet
297Kb / 4P
DC axial compact fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com