Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3330 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3330
Description  High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3330 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3330 Datasheet HTML 2Page - Analog Devices ADP3330 Datasheet HTML 3Page - Analog Devices ADP3330 Datasheet HTML 4Page - Analog Devices ADP3330 Datasheet HTML 5Page - Analog Devices ADP3330 Datasheet HTML 6Page - Analog Devices ADP3330 Datasheet HTML 7Page - Analog Devices ADP3330 Datasheet HTML 8Page - Analog Devices ADP3330 Datasheet HTML 9Page - Analog Devices ADP3330 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP3330
–6–
REV. A
3.020
3.000
2.980
2.960
2.940
7.5
7.0
0
100
200
300
400
500
TIME –
s
VOUT = 3V
RL = 15
CL = 0.47 F
Figure 11. Line Transient Response
3.100
3.050
3.000
2.950
2.900
200
100
0
0
200
400
600
800
1000
TIME –
s
VIN = 7V
VOUT = 3V
CL = 10 F
20mA
Figure 14. Load Transient Response
FREQUENCY – Hz
0
10
100
1k
10k
100k
1M
10M
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
CL = 0.47 F
IL = 0.1mA
CL = 0.47 F
IL = 200mA
CL = 10 F
IL = 200mA
CL = 10 F
IL = 0.1mA
VOUT = 3.0V
Figure 17. Power Supply Ripple
Rejection
3.020
3.000
2.980
2.960
2.940
7.5
7.0
0
100
200
300
400
500
TIME –
s
VOUT = 3V
RL = 15
CL = 10 F
Figure 12. Line Transient Response
3
0
500
400
300
200
100
0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
TIME – Sec
VOUT
IOUT
VIN = 7V
Figure 15. Short Circuit Current
120
160
050
10
20
30
40
100
80
60
140
CL – F
40
20
0
IL = 0mA WITH NOISE REDUCTION
IL = 200mA
IL = 200mA
WITH NOISE REDUCTION
IL = 0mA
Figure 18. RMS Noise vs. CL
(10 Hz–100 kHz)
3.100
3.050
3.000
2.950
2.900
200
100
0
0
200
400
600
800
1000
TIME –
s
VIN = 7V
VOUT = 3V
CL = 0.47 F
20mA
Figure 13. Load Transient Response
3
2
1
0
0
2
0
3
VOUT
VERR
VSD
0
200
400
600
800
1000
TIME –
s
VIN = 7V
VOUT = 3V
CL = 10 F
RL = 15
Figure 16. Turn On–Turn Off Response
FREQUENCY – Hz
1
0.01
10
100
1M
0.1
1k
10k
100k
VOUT = 3.0V
IL = 200mA
CL = 0.47 F
CNR = 0
CL = 10 F
CNR = 0
CL = 0.47 F
CNR = 10nF
CL = 10 F
CNR = 10nF
Figure 19. Output Noise Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com