Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3330ART-3 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3330ART-3
Description  High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3330ART-3 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3330ART-3 Datasheet HTML 4Page - Analog Devices ADP3330ART-3 Datasheet HTML 5Page - Analog Devices ADP3330ART-3 Datasheet HTML 6Page - Analog Devices ADP3330ART-3 Datasheet HTML 7Page - Analog Devices ADP3330ART-3 Datasheet HTML 8Page - Analog Devices ADP3330ART-3 Datasheet HTML 9Page - Analog Devices ADP3330ART-3 Datasheet HTML 10Page - Analog Devices ADP3330ART-3 Datasheet HTML 11Page - Analog Devices ADP3330ART-3 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADP3330
–9–
REV. A
Printed Circuit Board Layout Considerations
All surface mount packages rely on the traces of the PC board
to conduct heat away from the package.
In standard packages the dominant component of the heat
resistance path is the plastic between the die attach pad and the
individual leads. In typical thermally enhanced packages one or
more of the leads are fused to the die attach pad, significantly
decreasing this component. To make the improvement mean-
ingful, however, a significant copper area on the PCB must be
attached to these fused pins.
The patented chip-on-lead frame design of the ADP3330
uniformly minimizes the value of the dominant portion of the
thermal resistance. It ensures that heat is conducted away by all
pins of the package. This yields a very low 165
°C/W thermal
resistance for an SOT-23-6 package, without any special board
layout requirements, just relying on the normal traces con-
nected to the leads. This yields a 17% improvement in heat
dissipation capability as compared to a standard SOT-23-6
package. The thermal resistance can be decreased by, approxi-
mately, an additional 10% by attaching a few square cm of
copper area to the VIN pin of the ADP3303 package.
It is not recommended to use solder mask or silkscreen on the
PCB traces adjacent to the ADP3330’s pins since it will increase
the junction to ambient thermal resistance of the package.
Error Flag Dropout Detector
The ADP3330 will maintain its output voltage over a wide
range of load, input voltage and temperature conditions. If the
output is about to lose regulation by reducing the supply voltage
below the combined regulated output and dropout voltages,
the ERR flag will be activated. The ERR output is an open
collector, which will be driven low.
Once set, the ERR flag’s hysteresis will keep the output low
until a small margin of operating range is restored either by
raising the supply voltage or reducing the load.
Shutdown Mode
Applying a TTL high signal to the shutdown (SD) pin, or tying
it to the input pin, will turn the output ON. Pulling SD down to
0.4 V or below, or tying it to ground, will turn the output OFF.
In shutdown mode, quiescent current is reduced to much less
than 1
µA.
Low Power, Low Dropout Applications
ADP3330 is well suited for applications such as cellular phone
handsets that require low quiescent current and low dropout
voltage features. ADP3330 draws 34
µA typical under light load
situations (i.e., load current = 100
µA), which results in low
power consumption when the cell phone is in standby mode.
Figure 23 shows an application in which the ADP3330 is used
in a handset to provide 2.75 V nominal output voltage. The cell
phone is powered from 3 cell NiCd or 1 cell Li-Ion battery.
ADP3330 guarantees an accuracy of 1.4%, even when the input/
output differential is merely 250 mV (worst case). This implies
that the output is regulated and within specification even when
the battery voltage has reached its end-of-discharge voltage of
3 V. The output voltage never falls below 2.7 V, even under
worst case load and temperature conditions. The low dropout
feature coupled with the high accuracy of the ADP3330 ensures
that the system is reliably powered until the end of the life of the
battery, which results in increased system talk time.
MINIMUM BATTERY
VOLTAGE 3.0V
NOMINAL OUTPUT
VOLTAGE 2.75V
2.712V
ABSOLUTE MINIMUM
OUTPUT VOLTAGE
2.700V
END OF DISCHARGE VOLTAGE
OF 3 CELL NiCd OR 1 CELL
Li-Ion BATTERY
250mV MAXIMUM INPUT-OUTPUT
OVERHEAD FOR 200mA OUTPUT
CURRENT
–1.4% OUTPUT
VOLTAGE ACCURACY
12mV TRANSIENT, LINE AND
LOAD RESPECTIVE MARGIN
Figure 23. LDO Budgeting for a 3 Cell NiCd/1 Cell
Li-Ion Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com