Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5507253 Datasheet(PDF) 1 Page - Altech corporation

Part # 5507253
Description  Cable Gland
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

5507253 Datasheet(HTML) 1 Page - Altech corporation

  5507253 Datasheet HTML 1Page - Altech corporation 5507253 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Outer thread
Clamping range
Cat. No.
Cat. No.
Std.
mm
Dark Grey
Black
Pk.
PG
PG 9
4.5 - 8.0
5508009
5508050
50
PG 11
5.5 - 10.5
5508011
5508051
50
PG 13.5
7.0 - 12.0
5508013
5508052
50
PG 16
9.0 - 14.0
5508016
5508053
50
PG 21
11.5 - 18.0
5508021
5508054
20
PG 29
16.0 - 24.5
5508029
5508055
20
Metric
M 16 x 1.5
4.5 - 8.0
5808216
5808250
50
M 20 x 1.5/13
7.0 - 12.0
5808220
5808251
50
M 20 x 1.5/16
9.0 - 14.0
5808221
5808252
50
M 25 x 1.5
11.5 - 18.0
5808225
5808253
20
M 32 x 1.5
16.0 - 24.5
5808232
5808254
20
Outer thread
Clamping range
Cat. No.
Cat. No.
Std.
mm
Dark Grey
Black
Pk.
PG
PG 9
3.5 - 8.5
5507009
5507050
50
PG 11
4.0 - 10.5
5507011
5507051
50
PG 13.5
5.0 - 12.5
5507013
5507052
50
PG 16
6.5 - 14.0
5507016
5507053
50
PG 21
8.0 - 18.5
5507021
5507054
20
PG 29
10.0 - 25.0
5507029
5507055
20
Metric
M 16 x 1.5
3.5 - 8.5
5507216
5507250
50
M 20 x 1.5/13
5.0 - 12.5
5507220
5507251
50
M 20 x 1.5/16
6.5 - 14.0
5507221
5507252
50
M 25 x 1.5
8.0 - 18.5
5507225
5507253
20
M 32 x 1.5
10.0 - 25.0
5507232
5507254
20
Material:
• Body: Polyamide PA 6
25 % Glass fiber Reinforced
• Seal: Neoprene
• ECA clamping ring: Polycarbonate
Characteristics:
• PG/Metric thread
• Extended thread available
• Strain relief through clamping ring
Applications:
• For explosion endangered areas
according to EN 50014 and
EN 50019
• Machines and devices
• Measuring and control engineering
• Plant installations
Locknuts and seal rings sold
separately, see pages 23 and 35.
L
E
Dome Nut
Polyamide
Seal Neoprene
Body
Polyamide
H
L
E
Dome Nut
Polyamide
Body
Polyamide
Clamping
Polycarbonate
Seal Neoprene
H
Cable Gland / ATEX - Polyamide
Temperature Range PA 6
-20 to 55°C (-4 to 131 °F)
ECA Clamping Ring
(Punch-out Seal)
Gland must be mounted with flat seal and lockout.
Short Seal
Dimensions
Thread
HE
L
ØC
ØP
ØPG/M
Size
mm
mm
mm
mm
mm
mm
PG9
19
8
32
8.5
9.0
15.2
PG11
22
8
35
11.5
11.0
18.6
PG13.5
24
9
36
12.5
13.5
20.4
PG16
27
10
40
14.5
15.0
22.5
PG21
33
11
44
18.5
19.0
28.3
PG29
42
12
55
25.0
25.0
37.0
M 16x1.5
19
8
32
8.5
9.0
16.0
M 20x1.5/13
24
9
36
12.5
13.5
20.0
M 20x1.5/16
27
9
39
14.5
15.0
20.0
M 25x1.5
33
11
44
18.5
19.0
25.0
M 32x1.5
42
12
55
25.0
25.0
32.0
L.C.I.E.
ATEX
L.C.I.E.
ATEX
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
17
LTSR_012010.QXD_LTSR_062006(b).QXD 12/20/12 1:42 PM Page 17


Similar Part No. - 5507253

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550721T300AC2B CDE-550721T300AC2B Datasheet
454Kb / 8P
High Ripple, Long Life, Computer Grade
More results

Similar Description - 5507253

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CSRF-34 ADAM-TECH-CSRF-34 Datasheet
60Kb / 1P
NYLON CABLE GLAND
logo
TE Connectivity Ltd
C-T360XXXXXXX000 TEC-C-T360XXXXXXX000 Datasheet
465Kb / 1P
METAL CABLE GLAND
logo
PHOENIX CONTACT
1607018 PHOENIX-1607018 Datasheet
46Kb / 2P
Cable gland - RC-Z2414
1607019 PHOENIX-1607019 Datasheet
46Kb / 2P
Cable gland - RC-Z2417
logo
FIBOX Enclosing innovat...
3545083 FIBOX-3545083 Datasheet
160Kb / 2P
EPDM Cable gland M32
16.08.2023
3545090 FIBOX-3545090 Datasheet
145Kb / 2P
Chloroprene Cable gland M20
16.08.2023
3545091 FIBOX-3545091 Datasheet
395Kb / 2P
Chloroprene Cable gland PG16
16.08.2023
3545103 FIBOX-3545103 Datasheet
160Kb / 2P
EPDM Cable gland M63
16.08.2023
3545279 FIBOX-3545279 Datasheet
160Kb / 2P
EPDM Cable gland M16
16.08.2023
3545288 FIBOX-3545288 Datasheet
394Kb / 2P
Chloroprene Cable gland M12
16.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com