Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3405 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3405
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3405 Datasheet(HTML) 1 Page - Analog Devices

  ADP3405 Datasheet HTML 1Page - Analog Devices ADP3405 Datasheet HTML 2Page - Analog Devices ADP3405 Datasheet HTML 3Page - Analog Devices ADP3405 Datasheet HTML 4Page - Analog Devices ADP3405 Datasheet HTML 5Page - Analog Devices ADP3405 Datasheet HTML 6Page - Analog Devices ADP3405 Datasheet HTML 7Page - Analog Devices ADP3405 Datasheet HTML 8Page - Analog Devices ADP3405 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3405
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site:www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
FEATURES
Handles all GSM Baseband Power Management
Functions
Four LDOs Optimized for Specific GSM Subsystems
Charges Li-Mn Coin Cell for Real-Time Clock
Charge Pump and Logic Level Translators for 3 V and 5 V
GSM SIM Modules
Narrow Body 4.4 mm 28-Lead TSSOP Package
APPLICATIONS
GSM/DCS/PCS Handsets
TeleMatic Systems
ICO/Iridium Terminals
GSM Power Management System
FUNCTIONAL BLOCK DIAGRAM
DIGITAL
LDO
VCC
VRTC
VTCXO
PWRONKEY
ROWX
PWRONIN
RESET
ANALOGON
POWER-UP
SEQUENCING
AND
PROTECTION
LOGIC
ADP3405
VBAT
REFOUT
AGND
VCCA
RESCAP
CHRON
SIMBAT
CAP+
CAP
SIMPROG
SIMON
SIMGND
RESETIN
CLKIN
DATAIO
CHARGE
PUMP
LOGIC LEVEL
TRANSLATION
BUFFER
REF
+
I/O
RST
CLK
VSIM
RTC LDO
XTAL OSC
LDO
ANALOG
LDO
DGND
GENERAL DESCRIPTION
The ADP3405 is a multifunction power management system IC
optimized for GSM cell phones. The wide input voltage range of
3.0 V to 7.0 V makes the ADP3405 ideal for both single cell Li-Ion
and three cell NiMH designs. The current consumption of the
ADP3405 has been optimized for maximum battery life, featuring
a ground current of only 150
µA when the phone is in standby
(digital LDO, and SIM card supply active). An undervoltage lock-
out (UVLO) prevents the startup when there is not enough energy
in the battery. All four integrated LDOs are optimized to power
one of the critical sub-blocks of the phone. Their novel anyCAP
®
architecture requires only very small output capacitors for stability,
and the LDOs are insensitive to the capacitors’ equivalent series
resistance (ESR). This makes them stable with any capacitor,
including ceramic (MLCC) types for space-restricted applications.
A step-up converter is implemented to supply both the SIM
module and the level translation circuitry to adapt logic signals
for 3 V and 5 V SIM modules. Sophisticated controls are avail-
able for power-up during battery charging, keypad interface, and
charging of an auxiliary backup battery for the real-time clock.
These allow an easy interface between ADP3405, GSM proces-
sor, charger, and keypad. Furthermore, a reset circuit and a
thermal shutdown function have been implemented to support
reliable system design.
anyCAP is a registered trademark of Analog Devices, Inc.


Similar Part No. - ADP3405

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3405 AD-ADP3405_15 Datasheet
148Kb / 12P
GSM Power Management System
REV. 0
More results

Similar Description - ADP3405

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
GSM Power Management System
REV.0
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
GSM Power Management System
REV.0
ADP3408 AD-ADP3408 Datasheet
206Kb / 16P
GSM Power Management System
REV.0
ADP3522 AD-ADP3522 Datasheet
467Kb / 20P
GSM Power Management System
REV.0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
GSM Power-Management System
logo
Analog Devices
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
GSM Power Management System
REV. 0
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
GSM Power Management System
REV. 0
ADP3404 AD-ADP3404_15 Datasheet
145Kb / 12P
GSM Power Management System
REV. 0
ADP3405 AD-ADP3405_15 Datasheet
148Kb / 12P
GSM Power Management System
REV. 0
ADP3408 AD-ADP3408_15 Datasheet
1,019Kb / 20P
GSM Power Management System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com